PART |
Description |
Maker |
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
IRLR3715 IRLU3715 IRLR3715TRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 54A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 54A条(丁)|52AA SMPS MOSFET 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
TSD4M150 TSD4M150F TSD4M150V |
V(ds): 100V; V(dgr): 100V; V(gs): -20V; 500W; I(d): 135A; N-channel enhancement mode ISOFET power MOS transistor module. For DC-DC & DC-AC converters, SMPS & UPS, motor control, output storage for PWM, ultrasonic circuits
|
SGS Thomson Microelectronics STMicroelectronics ST Microelectronics
|
STS2DPF20V |
DUAL P-CHANNEL 20V - 0.14ohm - 2A SO-8 2.7V-DRIVE STripFET II POWER MOSFET 2 A, 20 V, 0.25 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET DUAL P-CHANNEL 20V - 0.14ohm - 2A SO-8 2.7V-DRIVE STripFETII POWER MOSFET DUAL P-CHANNEL 20V - 0.14ohm - 2A SO-8 2.7V-DRIVE STripFET⑩ II POWER MOSFET DUAL P-CHANNEL 20V 0.014 OHM 2A SO-8 2.7V-DRIVE STRIPFET II POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STN5PF02V |
P-channel 20V - 0.065 - 4.2A - SOT-223 2.5V - Drive STripFET II Power MOSFET P-channel 20V - 0.065з - 4.2A - SOT-223 2.5V - Drive STripFET⑩ II Power MOSFET P-channel 20V - 0.065蟹 - 4.2A - SOT-223 2.5V - Drive STripFET??II Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
NTHD3101F NTHD3101FT1 NTHD3101FT1G NTHD3101FT3 NTH |
Power MOSFET and Schottky Diode(20V, 4.4A???MOSFET) Power MOSFET and Schottky Diode(20V, 4.4A功率MOSFET) 功率MOSFET和肖特基二极管(20V的,4.4A功率MOSFET的)
|
ON Semiconductor
|
2SD2150 2SC4115S 2SD2264 A5800368 2SD2150R |
Low Frequency Transistor(20V/ 3A) TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 3A I(C) | SC-62 From old datasheet system Low Frequency Transistor (20V, 3A) Low Frequency Transistor(20V, 3A) Transistors > Small Signal Bipolar Transistors(up to 0.6W)
|
Rohm
|
IRL3714Z IRL3714ZL IRL3714ZS |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier IR
|
2SA1585S 2SB1424 A5800357 2SB1424Q 2SA1585SR |
TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 5A I(C) | SPAK 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset Transistors > Medium Power Bipolar Transistors(0.5W-1.0W) Transistors > Small Signal Bipolar Transistors(up to 0.6W) Low Vce(sat) Transistor (-20V, -3A) From old datasheet system Low VCE(sat) Transistor(低VCE(sat)晶体 Low Vce(sat) Transistor (-20V/ -3A)
|
ROHM[Rohm] Rohm CO.,LTD.
|
IRL3102S |
Power MOSFET(Vdss=20V, Rds(on)=0.013w, Id=61A) 功率MOSFET(减振钢板基本\u003d 20V的,的Rds(on)\u003d0.013瓦特,身份证\u003d 61A条) Power MOSFET(Vdss=20V Rds(on)=0.013w Id=61A)
|
International Rectifier, Corp. IRF[International Rectifier]
|
STT5PF20V |
P-CHANNEL 20V - 0.065W - 5A SOT23-6L 2.5V-DRIVE STripFET II POWER MOSFET From old datasheet system P-CHANNEL 20V - 0.065 OHM - 5A SOT23-6L 2.5V-DRIVE STRIPFET II POWER MOSFET
|
意法半导 ST Microelectronics
|
2SA20881 2SB11321 2SB11841 2SB1198K1 2SB12601 2SB1 |
Medium power transistor (?60V, ?0.5A) Medium Power Transistor (?32V,?1A) Power Transistor (?60V, ?3A) Low-frequency Transistor (-80V, -0.5A) Power Transistor (?80V, ?1A) Low VCE(sat) Transistor (?20V, ?3A) Power transistor (?20V, ?2A) General purpose amplification (?30V, ?1A) Low frequency amplifier Medium power transistor (−60V, −0.5A)
|
ROHM[Rohm]
|