PART |
Description |
Maker |
MCP9701T-E_LT MCP9701T-E_TO MCP9701AT-E_TO MCP9700 |
Low-Power Linear Active Thermistor?/a> ICs Low-Power Linear Active Thermistor ICs Low-Power Linear Active Thermistor⑩ ICs
|
MICROCHIP[Microchip Technology]
|
MCP9700-E/TT |
Low-Power Linear Active Thermistor ICs
|
Microchip Technology
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
7205ERPDC-30 7205ERPDS-30 7205ERPDE-30 7205ERPDP-2 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout x9 Asynchronous FIFO 150mA, Low-Dropout Linear Regulator with Power OK Output X9热卖异步FIFO
|
Ohmite Mfg. Co.
|
ADM705 ADM706 ADM707 ADM708 |
Low Cost P Supervisor with 4.65V Threshold Voltage, Watchdog, Power Fail and Manual Reset Features and Active Low Reset Output 3 V, Voltage Monitoring P Supervisory Circuits Low Cost P Supervisor with 4.65V Threshold Voltage, Power Fail and Watchdog Features and Active Low and High Reset Outputs Low Cost P Supervisor with 4.4V Threshold Voltage, Power Fail and Watchdog Features and Active Low and High Reset Outputs
|
Analog Devices
|
ASM1810R-5 |
150 ms, Low power, 5 V mP reset, active LOW, push-pull output
|
Alliance Semiconductor
|
MAX814 MAX814C MAX815 MAX815C MAX815CPA MAX815CSA |
-1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 4.50V (max) 4.60V, push-pull active-low reset output, push-pull active-high reset output, manual reset, power-fail monitor, low-line detector. -1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 3.00V (max) 3.06V, push-pull active-low reset output, manual reset, power-fail monitor, watchdog circuit. 【1% Accuracy, Low-Power, 3V and 5V レP Supervisory Circuits 1% Accuracy Low-Power 3V and 5V P Supervisory Circuits 1% Accuracy, Low-Power, 3V and 5V P Supervisory Circuits ±1% Accuracy, Low-Power, 3V and 5V μP Supervisory Circuits ??% Accuracy, Low-Power, 3V and 5V ?? Supervisory Circuits -1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 3.00V (max) 3.06V, push-pull active-low reset output, push-pull active-high reset output, manual reset, power-fail monitor, low-line detector. -1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 4.50V (max) 4.60V, push-pull active-low reset output, manual reset, power-fail monitor, watchdog circuit.
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
783R3Q10-50A 727P1Q10-20K 719R1Q2-1A 720R1Q2-20K 7 |
High-Efficiency LCD Boost with True Shutdown Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 3.3V/5V or Adjustable Output, Step-Up DC-DC Converters SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators High-Speed, Low-Power Voltage Comparators 模拟IC Analog IC 模拟IC Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs 模拟IC Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 模拟IC
|
3M Company TE Connectivity, Ltd. Pletronics HIROSE ELECTRIC Co., Ltd.
|
FM809 FM810SP3X FM810LS3X FM809TP3X FM809LP3 FM809 |
3-Pin UC Supervisor Circuits 2.63V, Active High Precision Reset Generator Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 3-Pin μC Supervisor Circuits 3-Pin レC Supervisor Circuits 2.93V, Active High Precision Reset Generator Circuit 4.63V, Active High Precision Reset Generator Circuit 3.08V, Active Low Precision Reset Generator Circuit 2.63V, Active Low Precision Reset Generator Circuit 3.08V, Active High Precision Reset Generator Circuit
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
LT4250L LT4250H |
-20V to -80V, SO-8, Active Low Power Good -20V to -80V, SO-8, Active High Power Good
|
Linear
|
|