PART |
Description |
Maker |
MBR0530T1 MBR0530T3 MBR0530LT1 ON0406 06F9814 MBR0 |
From old datasheet system SURFACE MOUNT SCHOTTKY POWER RECTIFIER MOSFET N-CH 500V 5A D2-PAK (MBR0530T1 / MBR0530T3) SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 30 VOLTS DIODE SCHOTTKY 0.5A
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] Motorola, Inc.
|
CH250S0080 |
SCHOTTKY RECTIFIER FET PROTECTION DIE From old datasheet system RECTIFIER DIODE,SCHOTTKY,CHIP
|
MICROSEMI[Microsemi Corporation]
|
CPD81 |
Chip Form: SILICON SCHOTTKY DIODE Schottky Rectifier 5 Amp Schottky Barrier Rectifier Chip
|
Central Semiconductor Corp
|
B120B10 B1XX-13-F B1XXB-13-F B150-13-F B140-13-F B |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER RECTIFIER SCHOTTKY SINGLE 1A 50V 30A-Ifsm 0.7Vf 0.5A-IR SMA 5K/REEL 1 A, 50 V, SILICON, SIGNAL DIODE
|
Diodes Incorporated http:// Diodes, Inc.
|
MBR130 MBR130T1 MBR130T3 MBR130T1-D |
Surface Mount Schottky Power Rectifier SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 30 VOLTS
|
ONSEMI[ON Semiconductor]
|
ADP1173AN-12 ADP1173AN-33 ADP1173AR-33 ADP1173 ADP |
Micropower DC-DC Converter RECTIFIER SCHOTTKY SINGLE 1A 80V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO 1.5 A SWITCHING REGULATOR, 32 kHz SWITCHING FREQ-MAX, PDIP8 RECTIFIER SCHOTTKY DUAL 40A 60V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 1A 90V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/REEL-13
|
http:// Analog Devices, Inc.
|
U2JC44 U2BC44 U2GC44 |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE GENERAL PURPOSE RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
DSSK28-006BS DSSK28-006B |
Silicon Schottky Diodes From old datasheet system Power Schottky Rectifier with common cathode 15 A, 60 V, SILICON, RECTIFIER DIODE, TO-263AB
|
IXYS[IXYS Corporation] IXYS, Corp.
|
DSSK48-0025B |
Power Schottky Rectifier with common cathode 25 A, 25 V, SILICON, RECTIFIER DIODE, TO-220AB PLASTIC PACKAGE-3 Silicon Schottky Diodes
|
IXYS Corporation IXYS, Corp.
|
SD1060YT SD1040YT SD1080YT SD10100YT SD1020YT SD10 |
SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes) (SD1020YT - SD10100YT) SCHOTTKY BARRIER RECTIFIER
|
Pan Jit International I... Panjit International Inc PANJIT[Pan Jit International Inc.]
|
CH054S0100 CH054S CH054S0050 CH054S0060 |
Schottky Rectifier 肖特基整流器 2 AMP SCHOTTKY RECTIFIER DIE
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|