PART |
Description |
Maker |
J115F31AL277VACS.9U J115F31CL277VACS.9U J115F31BL2 |
UL F class rated standard
|
CIT Relay & Switch
|
VKP222MCQED0KR VKP102MCQERUKR |
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC AC Line Rated Ceramic Disc Capacitorsnull Class X1, 760 VAC, Class Y1, 500 VAC
|
Vishay Siliconix
|
CA14323 |
IESNA Type ll (medium) beam, applicable for European P-class standard pedestrian lighting and M-class roads
|
Ledil, Inc.
|
VY1471M31Y5UQ6V0 VY1151K31Y5SQ6V0 VY1100K31U2JQ6V0 |
AC Line Rated Disc Capacitors AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
|
Vishay Siliconix
|
VY1330K31Y5SG6V0 VY1330K31Y5SG6VX VY1151K31Y5SQ6UV |
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
|
Vishay Siliconix
|
IXTT11P50 IXTH11P50 IXTT8P50 |
Standard Power MOSFET - P-Channel Enhancement Mode Avalanche Rated
|
IXYS[IXYS Corporation]
|
310-010-6040G |
Blind Mate Contact, fits in standard housing. Rated to 5 GHz. Mates with PkZ.
|
Winchester Electronics
|
500L-058X181-502 500T-058X071-501 500T-058X071-502 |
5000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 500:5 A, 2 % ACCURACY CLASS, CURRENT TRANSFORMER 4000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 400:5 A, 3 % ACCURACY CLASS, CURRENT TRANSFORMER 750:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 2500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1200:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER
|
GE Industrial Systems
|
RLT415-50CMG |
RLT415-50CMG is an Violet Laser Diode emitting at 415 nm with rated output power of 50 mW CW at room temperature, in standard 5.6mm TO package
|
Roithner LaserTechnik GmbH
|
RLT425-50CMG |
RLT425-50CMG is a violet laser diode emitting at 425 nm with rated output power of 50 mW CW at room temperature, in standard 5.6mm TO package
|
Roithner LaserTechnik GmbH
|
C62122-A132-B94 B84114-D-A10 B84114-D-A110 B84114- |
SIFI-D for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 10 A
|
EPCOS[EPCOS]
|