PART |
Description |
Maker |
ISL95853 |
Multiphase PWM Regulator for IMVP8 CPUs
|
Intersil Corporation
|
ISL62883CIRTZ ISL62883CIRTZ-T ISL62883CHRTZ ISL628 |
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
|
Intersil Corporation
|
ISL6260CCRZ ISL6260CCRZ-T ISL6260CIRZ ISL6260CIRZ- |
Multiphase PWM Regulator for IMVP-6 Mobile CPUs Multiphase PWM Regulator for IMVP-6 Mobile CPUs
|
Intersil Corporation
|
EM4100A5CI2LC EM4100A5CX EM4100A5CY EM4100A6CB2RC |
Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-SOIC 模拟杂项 ZVS Full Bridge PWM Controller; Temperature Range: -40°C to 85°C; Package: 28-SOIC 模拟杂项 Analog Miscellaneous 模拟杂项 ZVS Full Bridge PWM Controller; Temperature Range: -40°C to 85°C; Package: 28-SOIC Microprocessor CORE Voltage Regulator 2-4 Phase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-SOIC Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-QFN Single 12V Input Supply Dual Regulator - Synchronous Rectified Buck PWM and Linear Power Controller; Temperature Range: -40°C to 85°C; Package: 16-QFN ZVS Full Bridge PWM Controller; Temperature Range: -25°C to 85°C; Package: 28-SOIC ZVS Full Bridge PWM Controller; Temperature Range: -25°C to 85°C; Package: 28-QFN T&R AnalogMiscellaneous
|
EPCOS AG TE Connectivity, Ltd.
|
ISL9506 |
Multiphase PWM Controller with Programmable Output Voltage
|
Intersil
|
ISL6315 ISL6315CR ISL6315CRZ ISL6315EVAL1 ISL6315I |
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
|
Intersil Corporation
|
CHL8103-00CRT CHL8104-00CRT |
Dual Loop, 3 1 multiphase VR12/AMD PWM for high efficiency, cost effective solutions Dual Loop, 4 1 multiphase VR12/AMD PWM for high efficiency, cost effective solutions
|
International Rectifier
|
CHL8326-00CRT CHL8328 IR3536MPBF IR3538MPBF |
Dual Loop, 5 1 multiphase VR12/AMD PWM controller for high efficiency, highly accurate VR solutions Dual Loop, 7 1 multiphase VR12/AMD PWM controller for high efficiency, highly accurate VR solutions
|
International Rectifier
|
EPF8282ALC84-3 EPF8282ALC84-4 EPF8636AGC192-3 EPF8 |
Eval Board for HFA1110 750MHz, Low Distortion Unity Gain, Closed Loop Buffer Eval Board for HI5805 12-Bit, 5MSPS A/D Converter Eval Board for HIP6521 PWM and Triple Linear Power Controller Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA Eval Board for ISL5314 CommLink™ Direct Digital Synthesizer 现场可编程门阵列(FPGA Eval Board for HIP6302 Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller 现场可编程门阵列(FPGA Eval Board for HA5023 Dual 125MHz Video Current Feedback Amplifier
|
Altera, Corp.
|
ISL6564A |
Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing 多相PWM控制器,带有线位DAC能精密的RDSON)或DCR差分电流检
|
Intersil, Corp.
|