PART |
Description |
Maker |
ISL78211 ISL78211ARZ ISL78211ARZ-T |
Automotive Single-Phase Core Regulator for IMVP-6 CPUs SWITCHING REGULATOR, PQCC40
|
Intersil Corporation
|
ISL6261 |
Single Phase Core Regulator
|
Intersil
|
ISL6262CRZ ISL6262CRZ-T ISL6262IRZ ISL6262IRZ-T |
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
|
Renesas Electronics Corporation
|
ISL6560 ISL6560_62EVAL1 ISL656062EVAL1 ISL6560CB I |
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller 微处理器核心电压调节两相降压PWM控制
|
Intersil, Corp. Intersil Corporation
|
ISL6560CB ISL6560 |
PWM Controller, 2-Phase Current Mode, 5-Bit VID, Reg ?.8%, 1.1-1.85 Voltage, VRM 9.0 Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
|
INTERSIL[Intersil Corporation]
|
ISL6263B ISL6263BHRZ ISL6263BHRZ-T |
5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
|
Intersil Corporation
|
ISL6263A ISL6263ACRZ ISL6263ACRZ-T ISL6263AIRZ ISL |
5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core; Temperature Range: -40°C to 85°C; Package: 32-QFN 5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core; Temperature Range: 0°C to 70°C; Package: 32-QFN SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PQCC32
|
Intersil, Corp. Intersil Corporation
|
AL1000-M5 AW1000-M5 AR5060-06 AW1000-M5D AR2000-01 |
锛?ILTER 1锛??锛?/span> "FILTER 1/4"" "FILTER 3/4"" "FILTER 1/8"" "FILTER 1/2"" "FILTER 3/8"" Microprocessor-Controlled Battery Management System "FILTER 1"" FILTER M5 BRACKET 5000/6000 FILTER REGULATOR 1/4 FILTER REGULATOR 1/2 FILTER REGULATOR 1/8 FILTER REGULATOR 3/8 "REGULATOR 1"" "REGULATOR 3/8"" LUBRICATOR 3/8 LUBRICATOR 1/8 Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C "REGULATOR 1/2"" "REGULATOR 1/8"" "REGULATOR 3/4"" FILTER REGULATOR M5 LUBRICATOR M5 锛?EGULATOR 3/8锛??锛?/span>
|
|
ISL6219A ISL6219ACA ISL6219ACA-T |
Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PDSO28 Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
RT9241 RT9241CS |
Two-Phase DC/DC Controller for CPU Core Power Supply
|
Electronic Theatre Controls, Inc. N.A. List of Unclassifed Manufacturers
|