PART |
Description |
Maker |
TC642B TC646B TC649B TC648B TC647B |
The TC642B is a new version of the existing TC642 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC646B is a new version of the existing TC646 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC649B is a new version of the existing TC649 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC648B is a new version of the existing TC648 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC647B is a new version of the existing TC647 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul
|
Microchip
|
DP-FLEX TR-1-R F402 52194 |
Two-Zone Fire Alarm Control Panel
|
Gamewell-FCI by Honeywell
|
GWSAN-404 4XLMF 4XZMF GWF402 GWF404 |
2 and 4 Zone Conventional Fire Alarm Control Panels
|
Honeywell Solid State Electronics Center
|
MAX2092ETP |
700MHz to 2700MHz Analog VGA with Threshold Alarm Circuit and Error Amplifier for Level Control
|
Maxim Integrated Products
|
TC650 TC651 TC650ABVUA TC650AAVUA TC650ACVUA TC651 |
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert (TC650 / TC651) Tiny Integrated Temperature Sensor & Brushless DC Fan Controller Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert The TC650/651 are integrated temperature sensors and brushless DC fan speed controllers. The TC650/651 measure their junction temperature and control the speed of the fan based on that temperature, making them especially suited for applica
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
SC8206 SC8206A4K SC8206N3L SC8206A4 SC8206A4KL SC8 |
0.3-6V remote fan control IC
|
Silan Semiconductors SILAN[Silan Microelectronics Joint-stock] 杭州士景电子有限公司
|
SC8206 |
REMOTE FAN CONTROL IC
|
Silan Microelectronics Joint-stock
|
ENA0366 |
DC Fan Motor Speed Control IC
|
ON Semiconductor
|
SC8207 |
Fan Remote Control Decoder Used Together
|
SL
|