PART |
Description |
Maker |
CM1-12V CM1-24V CM1F-24V |
AUTOMOTIVE MICRO-ISO RELAY Small size: 20 mm(L)x15 mm(W)x22 mm(H)
|
Panasonic Semiconductor
|
LRI6408 LRI64-A6S2U LRI64-MBTG LRI64-A7T LRI64-SBN |
Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
|
STMicroelectronics
|
WJR7090 |
Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
|
WJCI[WJ Communication. Inc.]
|
S3C2510A |
16/32-bit RISC micro-controller is a cost-effective, high-performance micro-controller solution for Ethernet-based systems, for example
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
BTA216X-600B BTA216X-500B |
MICRO D68 M/MICRO D68 M 10FT Three quadrant triacs high commutation
|
NXP Semiconductors N.V. Philips Semiconductors
|
VN03012Y VN03011Y |
ISO HIGH SIDE SMART POWER SOLID STATE RELAY ISO HIGH SIDE SMART POWER SOLID STATE RELAY
|
ST Microelectronics
|
VN3104 VN31-E VN31-12-E VN31-11-E |
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
|
意法半导 STMicroelectronics
|
24LC32A 24LC32A-MT 24LC32AMODULE |
32K I2C Serial EEPROM in ISO Micromodule 32K I 2 CSerial EEPROM in ISO Micromodule 32K的的I 2 C⑩在ISO微型模块串行EEPROM 32KI2CSerialEEPROMinISOMicromodule 32K I 2 C?Serial EEPROM in ISO Micromodule
|
Microchip Technology, Inc. Microchip Technology Inc. MicrochipTechnology
|
ADR3412 ADR3420 ADR3425 ADR3430 ADR3433 ADR3440 AD |
Micro-Power, High-Accuracy 1.2V Voltage Reference Micro-Power, High-Accuracy 2.048V Voltage Reference Micro-Power, High-Accuracy 2.5V Voltage Reference Micro-Power, High-Accuracy 3.0V Voltage Reference Micro-Power, High-Accuracy 3.3V Voltage Reference Micro-Power, High-Accuracy 4.096V Voltage Reference Micro-Power, High-Accuracy 5.0V Voltage Reference
|
Analog Devices
|
SCPHN20 SCPHN26 SCPHN10 SCPHN16 SCPHN30 SCPHN6 |
High Voltage,High Current,High Density Standard Recovery Rectifier(????靛?16000V锛?俯搴?5???骞冲??存??垫?5.5A,楂??锛?ぇ?垫?,楂??搴??????㈠??存??? 5.5 A, 16000 V, SILICON, RECTIFIER DIODE High Voltage,High Current,High Density Standard Recovery Rectifier(反向电压6000V,温5℃时平均整流电流5.5A,高压,大电流,高密度,标准恢复整流 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|