PART |
Description |
Maker |
GECA40-12G GECA40-15G GECA40AG GECA40BG GECA40HG G |
Wide-Range AC Input 90-264 VAC
|
SL Power Electronics
|
MAP40-3000 MAP40-3101 MAP42-1005 MAP40-3003 MAP40- |
Universal Input 85-264 VAC Universal Input 85-264 VAC 通用输入85-264
|
POWER-ONE[Power-One] TE Connectivity, Ltd.
|
TPIBU-41 |
Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
|
Total Power Internation...
|
MAP55-4004 MAP40 MAP40-1005 MAP55-1012 MAP55-1024 |
Wide Range Input for 110/220 VAC Applications
|
POWER-ONE[Power-One]
|
MAP140-3000P MAP140 MAP140-1012 MAP140-1024 MAP140 |
Universal Input 85-264 VAC
|
POWER-ONE[Power-One]
|
LXR1240-6M1 LXR1701-6 LXR1740-6M1 LXN1240-6M1 LXR- |
460 Watt, input voltage range:85-264/90-350V, output voltage 25.7-29.3V,(16.9A) AC/DC converter 345 Watt, input voltage range:85-264/90-350V, output voltage 25.7-29.3V,(12.6A) AC/DC converter 460 Watt, input voltage range:85-264/90-350V, output voltage 51.4-58.6V,(8.4A) AC/DC converter 375 and 500 Watt AC-DC Converters 37500瓦AC - DC转换 375 Watt, input voltage range:85-264/90-350V, output voltage 49.4V,(7.5A) AC/DC converter 345 Watt, input voltage range:85-264/90-350V, output voltage 51.4-58.6V,(6.3A) AC/DC converter
|
Vishay Intertechnology, Inc. POWER-ONE[Power-One] http://
|
TPSBU61-102 TPSBU-61 |
Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
|
Total Power Internation...
|
SP7650 SP7650ER_TR SP7650ER-L_TR SP7650ER-L/TR SP7 |
CAP 150PF 25V 5% NP0(C0G) SMD-0402 TR-7 PLATED-NI/SN Wide Input Voltage Range 3A / 300kHz / Buck Regulator Wide Input Voltage Range 3A, 300kHz, Buck Regulator
|
SIPEX[Sipex Corporation]
|
MAP110-4004G MAP110-4200G MAP110-4015 MAP110-1005 |
Universal Input 85-264 VAC
|
Bel Fuse Inc.
|
LTC2321HUFD-12PBF LTC2321CUFD-12TRPBF |
Dual, 12-Bit Sign, 2Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|
RD2 |
85 to 132 VAC or 170 to 265 VAC Input, 8W(10W Peak) Output
|
Power Integrations, Inc...
|