PART |
Description |
Maker |
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
PZ8GG-1515Z PZ8GG-0505Z PZ8GG-0512Z PZ8GG-0515Z PZ |
Input voltage:15V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-15V ( /-50mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-15V ( /-50mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-12V ( /-63mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12 PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
P8SG-247R2ZH52 P8SG-0505ZH52 P8SG-053R6ZH52 P8SG-1 |
Input voltage:5V, output voltage /-5V ( /-150mA), 5.2KV isolated 1.5W regulated dual output 5.2 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 5.2千伏隔震1.5糯稳压双输出DIP24 Input voltage:5V, output voltage /-3.6V ( /-200mA), 5.2KV isolated 1.5W regulated dual output
|
PEAK[PEAK electronics GmbH]
|
P6DG-244R8E P6DG-0503E P6DG-0505E P6DG-0509E P6DG- |
1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14 1KV交隔瓦稳压单输出DIP14 1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14 1KV交隔1瓦稳压单输出DIP14
|
PEAK[PEAK electronics GmbH]
|
PEN3-4815Z21 PEN3-1205Z21 PEN3-1212Z21 PEN3-1215Z2 |
PEN3-XXXXZ2:1 1.5 KV ISOLATED 2 - 3 W REGULATED DUAL OUTPUT DIP24 PEN3-XXXXZ2:1 1.5 KV ISOLATED 2 - 3 W REGULATED DUAL OUTPUT DIP24 PEN3 - XXXXZ2 1.5千伏隔震2 - 3瓦稳压双输出DIP24 PEN3-XXXXZ2:1 1.5 KV ISOLATED 2 - 3 W REGULATED DUAL OUTPUT DIP24 PEN3 - XXXXZ21 1.5千伏隔震2 - 3瓦稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
MDCM50P120M160A50 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T50M31C2T00 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T50M04A2T70 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3414X50M06A8YZZ-17 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
WRN781.8-2000 WRN781.8-2000B WRN786.5-2000 WRN786. |
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
|
Microdc power Technology Co., Ltd
|