PART |
Description |
Maker |
LV8082LP LV8082LP0712 |
Constant-voltage 1ch Constant-current 1ch H-Bridge
|
Sanyo Semicon Device
|
HI1-5040-2 HI1-5040-5 HI1-5040-7 HI1-5040_883 HI3- |
15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
|
Harris Corporation
|
IRG4RC10U IRG4RC10UTR IRG4RC10UTRL IRG4RC10UTRR |
600V UltraFast 8-60 kHz Discrete IGBT in a D-Pak package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
|
International Rectifier
|
IRG4RC10UD IRG4RC10UDTR IRG4RC10UDTRL IRG4RC10UDTR |
600V UltraFast 8-60 kHz Copack IGBT in a D-Pak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
|
International Rectifier
|
BD9329AEFJ-LBE2 |
4.2V to 18V, 3A 1ch Synchronous Buck Converter integrated FET 4.2-18V 3A 1ch Synchronous Buck converter
|
Rohm Rohm Co., Ltd.
|
5962-9323504MUX 5962-9323503MUX 5962-9323502MUX 59 |
x8 Flash EEPROM ±15V Chopper Stabilized Op Amps High-Speed, Single-Supply, Gain of 2, Closed-Loop, Rail-to-Rail Buffers with Enable ±15V Chopper Stabilized Op Amps x8闪存EEPROM
|
Optoway Technology, Inc.
|
LTC1647-3 LTC1647-2 LTC1647-1 |
3V to 15V, Dual ON Pins, Dual Supplies, Auto Retry, SSOP-16 3V to 15V, Dual ON Pins, Single Supply, Auto Retry, SO-8 3V to 15V, Dual ON Pins, Single Supply, SO-8
|
Linear
|
BD3813KS1 BD3815KS BD3813KS |
5.1ch Sound Processors
|
Rohm
|
BD3813KS-E2 |
5.1ch Sound Processors
|
ROHM
|
BD6886GUL |
1ch Motor Driver
|
ROHM[Rohm]
|
BD9110NV-E2 |
4.5-5.5V 2A 1ch Buck converter
|
ROHM
|