CD6274CA CD6275 CD6302CA 1.5KCD6.8C CD6272CA CD628 |
Low Capacitance, 16 - Channel ±15 V/12 V iCMOS™ Multiplexer; Package: LFCSP (5x5x.85mm) w/2.7exposed pad; No of Pins: 32; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 16 - Channel ±15 V/12 V iCMOS™ Multiplexer; Package: TSSOP (4.4mm); No of Pins: 28; Temperature Range: TBD 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 0.5 Ω CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer; Package: MSOP; No of Pins: 10; Temperature Range: Automotive 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE CELLULAR DIE PACKAGE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 480 MHz, Single Supply, Triple 2:1, Buffered (G= 2) Multiplexer; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 16-Channel Multiplexer (Superior DG506A Replacement); Package: PLCC; No of Pins: 28; Temperature Range: Commercial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 5 Ω Max Ron, 4 - /8 - Channel ±15 V /12 V /± 5 V Multiplexers; Package: LFCSP (4x4mm, 2.50mm exposed pad); No of Pins: 16; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE CMOS Low Voltage, 3 O 4-Channel Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 0.28 O CMOS 1.65 V to 3.6 V Single SPST Switches in SC70 Open for a Logic 1 Input; Package: SC70; No of Pins: 6; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 8-Channel, ±15 V/ 12 V iCMOS® Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: Commercial 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 8-Channel, ±15 V/ 12 V iCMOS® Multiplexer; Package: LFCSP (4x4x.85mm, 2.10mm exposed pad); No of Pins: 16; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 4-Channel, ±15 V/ 12 V iCMOS™ Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 4 Channel Buffered, 250 MHz, 10 ns Switching Multiplexer w/Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Industrial
|
Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
74ALVC2245 74ALVC2245MTC 74ALVC2245WM 74ALVC2245MT |
Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26?Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26з Series Resistors in B Outputs BUS TRANSCEIVER|SINGLE|8-BIT|AVC/ALVC-CMOS|TSSOP|20PIN|PLASTIC BUS TRANSCEIVER|SINGLE|8-BIT|AVC/ALVC-CMOS|SOP|20PIN|PLASTIC Dual J-K Negative-Edge-Triggered Flip-Flops With Clear and Preset 16-PDIP -40 to 85 ALVC/VCX/A SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation 总线收发 Fairchild Semiconductor, Corp.
|