PART |
Description |
Maker |
1N3883 1N3879 1N3880 1N3881 1N3882 1N3879R 1N3880R |
Fast Rectifier (100-500ns) (1N3879 - 1N3883) Fast Recovery Rectifier
|
MICROSEMI[Microsemi Corporation]
|
1N3909 1N3910 1N3910R 1N3913R 1N3911 1N3911R |
(1N3909 - 1N3913) Fast Recovery Rectifier Fast Rectifier (100-500ns)
|
MICROSEMI[Microsemi Corporation]
|
UTR3305 UTR2320 UTR4360 UTR3310 |
Fast Rectifier (100-500ns)
|
Microsemi
|
1N3913 |
Fast Rectifier (100-500ns)
|
Microsemi
|
1N4948 JAN1N4948 JAN1N4942 JAN1N4944 JAN1N4946 JAN |
MILITARY RECTIFIERS MICROMINIATURE PACKAGE Fast Rectifier (100-500ns)
|
MICROSEMI[Microsemi Corporation] MICROSEMI CORP-LAWRENCE
|
PR1007L PR1001 PR1001G_1 PR1001G-A PR1001G-B PR100 |
RECTIFIER FAST-RECOVERY SINGLE 1A 800V 30A-ifsm 1.3V-vf 500ns 5uA-ir A405 5K/REEL-13 1 A, 800 V, SILICON, SIGNAL DIODE RECTIFIER FAST-RECOVERY SINGLE 1A 1000V 30A-ifsm 1.3V-vf 500ns 5uA-ir DO-41 1K/BULK 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 RECTIFIER FAST-RECOVERY SINGLE 1A 1000V 30A-ifsm 1.3V-vf 500ns 5uA-ir DO-41 5K/AMMO 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 RECTIFIER FAST-RECOVERY SINGLE 1A 800V 30A-ifsm 1.3V-vf 500ns 5uA-ir DO-41 5K/AMMO 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41 RECTIFIER FAST-RECOVERY SINGLE 1A 800V 30A-ifsm 1.3V-vf 500ns 5uA-ir DO-41 1K/BULK 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41 1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
1N5420 JANS1N5420 1N5415 1N5415-1 1N5416 1N5417 1N |
RECTIFIERS MILITARY APPROVED/ FAST RECOVERY/ 3AMP Fast Rectifier (100-500ns) ZFKDSA 1,5-W-5,08- 7 FAST RECTIFIERS MSTBV 2,5/22-G MSTBV 2,5/21-G RECTIFIERS MILITARY APPROVED, FAST RECOVERY, 3AMP
|
MICROSEMI[Microsemi Corporation]
|
RS3A RS3XB-13-F RS3X-13-F RS3D-13-F RS3MB-13-F RS3 |
RECTIFIER FAST-RECOVERY SINGLE 3A 200V 100A-ifsm 1.3V-vf 150ns 5uA-ir SMC 3K/REEL-13 3 A, 200 V, SILICON, RECTIFIER DIODE 3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER 3 A, 1000 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 3A 800V 100A-ifsm 1.3V-vf 500ns 5uA-ir SMC 3K/REEL-13 3 A, 800 V, SILICON, RECTIFIER DIODE 3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
|
Diodes Incorporated Diodes, Inc.
|
R5021010 R5020410 R5030410 R5031210 R5031010 R5020 |
1200V, 100A fast recovery single diode 1000V, 100A fast recovery single diode 800V, 100A fast recovery single diode 600V, 100A fast recovery single diode Fast Recovery Rectifier (100 Amperes Average 1200 Volts) 快速恢复整流器00安培平均1200伏特 Fast Recovery Rectifier (100 Amperes Average 1200 Volts) 100 A, 400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (100 Amperes Average 1200 Volts)
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors] http://
|
SDR815 SDR812 |
100 AMP 50 - 1200 VOLTS 60 nsec ULTRA FAST RECTIFIER 100 A, 900 V, SILICON, RECTIFIER DIODE, DO-5 100 AMP 50 - 1200 VOLTS 60 nsec ULTRA FAST RECTIFIER 100 A, 600 V, SILICON, RECTIFIER DIODE, DO-5
|
Solid State Devices, Inc.
|
TDM15002 TDM15004 TDM15008 TDM15012 TDM15014 TDM15 |
150 A, 200 V, SILICON, RECTIFIER DIODE Standard Rectifier (trr more than 500ns)
|
MICROSEMI CORP-COLORADO
|