PART |
Description |
Maker |
88MZ300 |
Fully integrated IEEE 802.15.4 transceiver
|
Maxwell Technologies
|
AT76C511 |
AT76C511 is a highly integrated WLAN Bridge-on-a-Chip based on two ARM7TDMI?RISC processors, two 10/100 Ethernet MACs, 32-bit DMA Channels, SRAM and Cache for program/data, UART, 3.3V operation, 208 pin LQFP package. Dual Ethernet to IEEE 802.11b WLAN Bridgeon-on-a-Chip(DEW-B) Dual Ethernet to IEEE 802.11b WLAN Bridge on-A Chip
|
ATMEL[ATMEL Corporation]
|
LTC4267-1 |
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
|
Linear Technology
|
LTC425809 |
Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
|
Linear Technology
|
MAX5953AUTM MAX5953BUTM MAX5953CUTM MAX5953DUTM |
IEEE 802.3af PD Interface and PWM Controllers with Integrated Power MOSFETs
|
MAXIM - Dallas Semiconductor
|
MAX5953A MAX5953AUTM MAX5953B MAX5953BUTM MAX5953C |
IEEE 802.3af PD Interface and PWM Controllers with Integrated Power MOSFETs
|
Maxim Integrated Products
|
BCM4354KKWBGT |
Single-Chip 5G Wi-Fi IEEE 802.11ac 2×2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
|
Cypress Semiconductor
|
STHS4257A1 STHS4257L1 |
IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
|
STMicroelectronics
|
MAX5969BETB MAX5969A MAX5969AETB MAX5969B |
IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
|
Maxim Integrated Products
|
TF-61602 TF-81615 |
Icolation and ompedance matching the requirements of IEEE 802.3 for 10 Base-T Icolation和ompedance匹配10中的要求的IEEE 802.3 - T (TF-61602 / TF-81615) Icolation and ompedance matching the requirements of IEEE 802.3 for 10 Base-T
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
PM8803TR |
High efficiency integrated IEEE 802.3at PoE-PD interface and PWM controller type 2 PSE indicator, plus support for forward active clamp topology
|
ST Microelectronics
|
LTC4267IGN-1 LTC4267IGN-1-PBF LTC4267IGN-1-TR LTC4 |
1 A SWITCHING CONTROLLER, 240 kHz SWITCHING FREQ-MAX, PDSO16 Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
|
LINEAR TECHNOLOGY CORP
|