PART |
Description |
Maker |
S25-346 |
2.54mm MIN. CENTRE TWO-PIECE SPRING PROBE SLEEVE
|
Harwin Plc
|
S13-503 |
1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE SLEEVE
|
Harwin Plc
|
HM628512ALRRI-7 HM628512ALPI-8 HM628512ALRRI-8 HM6 |
Dual Ic = 100 mA; Package: PG-SOT363-6; Polarity: NPN; R1 (typ): 47.0 kOhm; R2: 47.0 k; hFE (min): 70.0; Vi (on) (min): 1.0 2mA / 0.3V; 524288-word x 8-bit High Speed CMOS Static RAM 524288字8位高速CMOS静态RAM
|
Hitachi,Ltd.
|
MQF73-35-1600-01 |
Nominal centre frequency fo: 73.35 MHz
|
Vectron International, ...
|
MQF45-0-1000-02 |
Nominal centre frequency fo: 45.0 MHz
|
Vectron International, ...
|
MQF45-0-1500-66 |
Nominal centre frequency fo: 45.0 MHz
|
Vectron International, ...
|
MQF10-7-0750-01 |
Nominal centre frequency fo: 10.7 MHz
|
Vectron International, ...
|
1N6842U3 |
Schottky Centre Tap Rectifier
|
Microsemi
|
MQF45-0-1500-60 |
Nominal centre frequency fo: 45.0 MHz
|
Vectron International, ...
|