PART |
Description |
Maker |
RF1396C |
434.42 MHz SAW Filter
|
RFM[RF Monolithics, Inc]
|
SF5509 |
434.42 MHz SAW Filter
|
Vanlong Technology Co., Ltd.
|
AFS434.0W02-TE |
SURFACE MOUNT 434.0 MHz SAW FILTER
|
Abracon Corporation
|
SX1240 |
Low Cost Integrated Transmitter IC 434 MHz and 868 MHz Band RF Transmitter
|
Semtech Corporation
|
ATAM862-4 |
Microcontroller with UHF ASK/FSK Transmitter at 434 MHz, 4 KB Flash, 3 Timer, SSI, 11 I/O Lines, 64 Byte EEPROM, VDD = ...
|
Atmel
|
UPD30100GC-40-9EU |
Transmitter; Package: PG-TSSOP-16; Frequency Band: 434.0 MHz 868.0 MHz; Channel Requirements per Band: Single Channel; Modulation Type: ASK / FSK; Transmit Power (at 3V): 10.0 dBm; Temperature Range: -40.0 - 125.0 °C 64位微处理
|
Ecliptek, Corp.
|
854656 854656-15 |
70 MHz Bandpass Filter 3 MHz Bandwidth Filter - STD Low-Loss 1 FUNCTIONS, 70 MHz, SAW FILTER
|
TriQuint Semiconductor, Inc.
|
B39389-G1962-M100 G1962M |
IF Filter for Intercarrier Applications 38,90 MHz 1 FUNCTIONS, 38.9 MHz, SAW-VIDEO/SOUND FILTER
|
EPCOS AG
|
TFS100B |
Surface Acoustic Wave (SAW) Filter Filter Specification - RV04 VI SAW Filter(VI SAW滤波输入电阻:77.40Ω/-3.218pF,输出电阻:77.40Ω/-3.218pF)) 1 FUNCTIONS, 99.9 MHz, SAW FILTER
|
VECTRON[Vectron International, Inc] Vectron International, Inc.
|
SF0162BA03266S |
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
|
API Technologies Corp
|
820-IF65.54M-E |
65.54 MHz Bandpass Filter for Gap Filter 19.60 MHz Bandwidth
|
Oscilent Corporation
|