PART |
Description |
Maker |
AO4706 |
): 250 (@8MHz); Operating Frequency / Supply Voltage: 1.8 to 5.5V; Operating Ambient Temperature (°C): -20 to 85; Package Code: PLSP0020JB-A N-Channel Enhancement Mode Field Effect Transistor
|
Alpha & Omega Semiconductors
|
P1402AAL P1602ACL P3002AAL P0602ACL P2202AAL P2702 |
Execution Time (ns): 41.7 (@24MHz); Operating Frequency / Supply Voltage: 24MHz/3.0 to 5.5V, 10MHz/2.7 to 5.5V; Operating Ambient Temperature (°C): -20
|
Littelfuse, Inc.
|
P1402CL |
(ns): 41.7 (@24MHz); Operating Frequency / Supply Voltage: 24MHz/3.0 to 5.5V, 10MHz/2.7 to 5.5V; Operating Ambient Temperature (°C): -20 to 85, -40
|
Littelfuse, Inc.
|
ARK-1370-1J0A2E ARK-1370 ARK-1370-2J0A2E |
Low Power Consumption with -40° C Operating Temperature Low Power Consumption with -40掳 C Operating Temperature Low Power Consumption with -40隆? C Operating Temperature
|
Advantech Co., Ltd.
|
DN8897 DN8897S DN8897SE DN8897TE |
Hall IC(Operating Temperature Range Topr=-40 to -100°C, Operating in Alternative Magnetic Field) Hall IC(Operating Temperature Range Topr=-40 to -100∑C, Operating in Alternative Magnetic Field)
|
Panasonic Semiconductor
|
K6R1008C1A- K6R1008C1A-C12 K6R1008C1A-C15 K6R1008C |
128K x 8 high speed static RAM, 5V operating, 12ns 128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges. 128Kx8高速静态内存(5V工作),旋转引脚输出。在商用和工业温度范围操 128Kx8 High Speed Static RAM5V Operating/ Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges. 128K x 8 high speed static RAM, 5V operating, 20ns 128K x 8 high speed static RAM, 5V operating, 15ns
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD.
|
SFMC28-461 SFMC28-461F |
Operating temperature -55掳 to 125掳C Qualified to MIL-PRF-38534 Class H and K Operating temperature -55° to 125°C Qualified to MIL-PRF-38534 Class H and K
|
Interpoint Corporation Company
|
GRM0335C1H9R8DA01 |
Operating temperature range
|
Murata Manufacturing Co...
|
GRM0335C1H100JA01 |
Operating temperature range
|
Murata Manufacturing Co...
|
GRM0115C1E1R7CE01 GRM0115C1E6R7CE01 GRM0112C1E1R6C |
Temperature range of temperature characteristics Temperature characteristics (complied standard) Temperature coefficient Rated voltage Operating temperature range
|
Murata Manufacturing Co...
|
AS4C128M32MD2-18BCN AS4C128M32MD2-18BIN |
Operating case temperature range
|
Alliance Semiconductor ...
|