PART |
Description |
Maker |
10-01-1064 10-01-1014 10-01-1114 10-01-1044 91813- |
PCB, Connector, Current Rating 7 Ampere, Contact Resistance 20 Milliohms, Number Of Ways Of Terminal Block 6 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; Number of Contacts:1; Series:KK; Body Material:Nylon; Number of Rows:1 1 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 5.08mm KK Crp Term Hsg 11Ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP PCB, Connector, Current Rating 7 Ampere, Contact Resistance 20 Milliohms, Number Of Ways Of Terminal Block 4 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc. MOLEX INC
|
SKPM |
Low Contact Resistance
|
ALPS ELECTRIC
|
N800001 |
CONTACT RESISTANCE; 50 m2 MAX INITIAL.
|
E-SWITCH
|
BM10B-44DP-0.4V BM10B0.8-44DP-0.4V51 |
CONTACT RESISTANCE: 20mV AC OR LESS 1khz, 1m A.
|
Hirose Electric
|
MSC23436B-XXDS10 MSC23436B MSC23436B-XXBS10 MSC234 |
4,194,304 Word By 36-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE SWITCH, SPDT, CTR OFF; Thread size:1/4 x 40UNS; Switch function type:SPDT On-Off-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:6A; Material, contact:Silver; Resistance, contact:10mR; RoHS Compliant: Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Solder Lug; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:Panel; Features:Standard Actuator RoHS Compliant: Yes SSR AS 230V 100A 0-10V
|
OKI electronic components OKI[OKI electronic componets] OKI SEMICONDUCTOR CO., LTD.
|
K100304 K100304-15 |
Contact Resistance : 10m-OHMS All DIMENSION IN MM[INCH]
|
E-SWITCH
|
SKPMAPE010 SKPMANE010 SKPMAME010 SKPMBHE010 SKPM |
Low Contact Resistance (Surface Mount Type)
|
ALPS ELECTRIC CO.,LTD.
|
KO105A-1001 K100301 K100301-15 |
KEYLOCK SWITCHES Contact Resistance : 10m-OHMS All DIMENSION IN MM[INCH]
|
E-SWITCH
|
KO107A-1097 K100303 K100303-15 |
KEYLOCK SWITCHES Contact Resistance : 10m-OHMS All DIMENSION IN MM[INCH]
|
E-SWITCH
|
SKPNABE010 SKPNAAE010 |
Long-travel with Low Contact Resistance (Surface Mount Type)
|
ALPS ELECTRIC CO.,LTD.
|
SKPN |
Long-travel with Low Contact Resistance (Surface Mount Type)
|
ALPS ELECTRIC
|
1301.9222 1301.9211 1301.9213 1301.9212 1301.9201 |
Switch, ON/OFF Rocker; DPST; Lifetime: 50000 Operations; Current Rating: 16A; Voltage Rating: 250V; Initial Contact Resistance: 250 mOhms ROCKER SWITCH, DPST, LATCHED, PANEL MOUNT Switch, ON/OFF Rocker; DPST; Lifetime: 50000 Operations; Current Rating: 10A; Voltage Rating: 250V; Initial Contact Resistance: 250 mOhms ROCKER SWITCH, DPST, LATCHED, PANEL MOUNT
|
SCHURTER AG SCHURTER INC
|
|