PART |
Description |
Maker |
0675031020 67503-1020 |
0.80mm (.031") Pitch, USB On-The-Go (OTG) Mini-B Receptacle, Surface Mount, Right Angle, Solder Tabs with Back Cover and PCB Locator Plastic Pegs, Lead Free 0.80mm (.031) Pitch, USB On-The-Go (OTG) Mini-B Receptacle, Surface Mount, Right Angle, Solder Tabs with Back Cover and PCB Locator Plastic Pegs, Lead Free
|
Molex Electronics Ltd.
|
55836-5004 0558365004 |
CRC Shielded Rectangular I/O Plug Assembly Set, Male Terminal, With Shield Cover, Signal, 50 Circuits, Polarization Type C CRC垄芒 Shielded Rectangular I/O Plug Assembly Set, Male Terminal, With Shield Cover, Signal, 50 Circuits, Polarization Type C
|
Molex Electronics Ltd.
|
0471519001 |
0.50mm (.020) Pitch HDMI* Receptacle, Right Angle, Through Hole Shell Tab Length 1.80mm (.071), Contact 0.76μm (30μ) Gold (Au) Plating, withFlange and Back Cover, Beveled Metal Pins
|
Molex Electronics Ltd.
|
54819-0572 |
USB On-The-Go (OTG) Mini-B Receptacle, Right Angle, SMT Solder Tails and ShellTabs, with Cover Tape, Lead-free
|
Molex Electronics Ltd.
|
C8108 |
6 /C 16 AWG Stranded Tinned Copper, FEP Insulation, Overall Aluminum/Polyester Shield, TC Braid Shield, and FEP Jacket
|
General Cable Technologies Corporation
|
C8107 |
3 /C 18 AWG Stranded Tinned Copper, FEP Insulation, Overall Aluminum/Polyester Shield, TC Braid Shield, and FEP Jacket
|
General Cable Technologies Corporation
|
47151-8001 0471518001 |
0.50mm (.020") Pitch HDMI* Receptacle, Right Angle, Front Solder Tab Length 2.20mm (.087") with Dimple, Contact 0.76渭m (30渭") Gold (Au) Plating, without Back Co 0.50mm (.020) Pitch HDMI* Receptacle, Right Angle, Front Solder Tab Length 2.20mm (.087) with Dimple, Contact 0.76μm (30μ) Gold (Au) Plating, without Back Cover or Upper Flange
|
Molex Electronics Ltd.
|
0746972612 |
2.00mm (.079) Pitch 5-Row VHDM-HSD Backplane Header, Guide Pin SignalModule, Shield Pin End Version, Advanced Mate Shield, 100 Circuits, Pin Length
|
Molex Electronics Ltd.
|
BZB100A |
Dual back-to-back Zener diode
|
NXP Semiconductors
|
CY7C68300C CY7C68301C CY7C68320C CY7C68321C |
EZ-USB AT2LP USB 2.0 to ATA/ATAPI Bridge(EZ-USB AT2LP USB 2.0到ATA/ATAPI桥接 的EZ - USB AT2LP产品的USB 2.0的ATA / ATAPI桥(的EZ - USB AT2LP产品的USB 2.0到ATA / ATAPI接口桥接器)
|
Cypress Semiconductor Corp.
|
CY7C65630 |
EZ-USB HX2LP Low-Power USB 2.0 Hub Controller Family(EZ-USB HX2LP,低功率 USB 2.0 Hub控制器系
|
Cypress Semiconductor Corp.
|
|