PART |
Description |
Maker |
XRP7665IDBTRF |
Flammability rating of UL 94┸V0
|
Exar Corporation
|
CLC1001IST6X |
Flammability rating of UL 94┸V0
|
Exar Corporation
|
1A1KV |
Low Leakage Current Glass Passivated Junction Epoxy meets UL 94 V-0 flammability rating
|
TY Semiconductor Co., Ltd
|
BA-8Y6UW BA-2D2UW BA-2E2UW BA-2G2UW BA-2H2UW BA-2R |
LED LIGHT BAR & BAR GRAPH ARRAYS ENCLOSURE, CLEAR DOORENCLOSURE, CLEAR DOOR; Length / Height, external:185mm; Width, external:213mm; Depth, external:118mm; Material:Polycarbonate; Colour:Light Grey; Flammability rating:UL94-5V; IP rating:IP 65; RAL number:7035; LED LIGHT BAR & BAR GRAPH ARRAYS 发光二极管光
|
?╁??′唤?????? YSTONE[Yellow Stone Corp] 早安股份有限公司 Yellow Stone, Corp.
|
SK54AFL SK5200AFL |
Epoxy meets UL 94 V-0 flammability rating
|
Micro Commercial Compon...
|
Z86B0712PEC |
Leaded Cartridge Fuse; Current Rating:250mA; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes 8位微控制
|
Pasternack Enterprises, Inc.
|
5500.2029 5500.2028 5500.2027 5500.2026 5500.2030 |
AC Filter Cost Optimized Single Phase RFI Line Filter; Mounting Type: Chassis Module; Voltage Rating: 250V; Current Rating: 4A; Leakage Current Rating: 0.1 mA 250 V, 50 HZ, SINGLE PHASE EMI FILTER
|
Schurter Inc. SCHURTER AG
|
P-U77-1140-8020P |
thermal plastic flammability ul94-0
|
Amphenol Corporation
|
ZXMN6A11G ZXMN6A11GFTA ZXMN6A11GFTC |
N-channel MOSFET 60V N-CHANNEL ENHANCEMENT MODE MOSFET ; Current Rating:6A; Voltage Rating:250V; Mounting Type:Screw; Features:High Attenuation; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No Line Filter; Current Rating:10A; Voltage Rating:250V; Mounting Type:Screw; Features:High Attenuation; Series:MXB
|
ZETEX[Zetex Semiconductors]
|
MBRF30H35CT |
Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
|
Kersemi Electronic Co., Ltd.
|