Part Number Hot Search : 
01302 HV9103P BLFY455D 196AE 9P60BN 2SD2399 MNTWG 13009
Product Description
Full Text Search

NGTB30N120IHL - IGBT 1200V 30A FS1 Induction Heating

NGTB30N120IHL_8997950.PDF Datasheet


 Full text search : IGBT 1200V 30A FS1 Induction Heating


 Related Part Number
PART Description Maker
FGA30N120FTD FGA30N120FTDTU 1200V, 30A Trench IGBT
Fairchild Semiconductor
FGW30N120H Discrete IGBT (High-Speed V series) 1200V / 30A
Fuji Electric
STGW30NC120HD GW30NC120HD N-CHANNEL 30A - 1200V - TO-247 VERY FAST PowerMESH-TM IGBT
STMICROELECTRONICS[STMicroelectronics]
QIQ1245001 POWEREXINC-QIQ1245001 Low side Chopper IGBT Module 1200V 450A IGBT / 1200V 750A Fast Diode
POWEREX[Powerex Power Semiconductors]
FGL40N150 FGL40N150D GL40N150 FGL40N150DTU Copak Discrete IGBT
Electrical Characteristics of the IGBT
The FGL40N150D is designed for induction heating
Fairchild Semiconductor Corp
FAIRCHILD[Fairchild Semiconductor]
IHW40T120 IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
IGBTs & DuoPacks - 40A / 1200V IGBT and 18A / 1200V Diode in DuoPack
Infineon Technologies AG
X9315 X9315WSZ-2.7 X9315TM X9315TM-2.7 X9315TMI X9 :SEMITOP 3; Centres, fixing:52.5mm; Current, Ic av:40A; Current, Ic continuous b max:32A; RoHS Compliant: Yes
max:2.1V; Case style:SEMITOP 4; Current, Icm pulsed:100A; Temperature, Tj RoHS Compliant: Yes
THYRISTOR MODULE, 3 PHASETHYRISTOR MODULE, 3 PHASE; Voltage, Vrrm:1600V; Case style:SEMITOP 3; Current, It rms:68A; Current, Itsm:450A; Voltage, Vgt
:SEMITOP-4; Voltage, Vceo:1200V; Voltage, Vce sat max:2.15V; Current, Ic continuous a
continuous a max:17A; Voltage, Vce sat max:2.5V; Case style:SEMITOP 3; Current, Icm RoHS Compliant: Yes
IGBT MODULE, H BRIDGE 1200VIGBT MODULE, H BRIDGE 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3.2V
IGBT MODULE, DUAL 600V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:600V; Voltage, Vce sat max:2V; Current, Ic continuous a max:54A
IGBT MODULE, CHOPPER 1200VIGBT MODULE, CHOPPER 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3V
IGBT MODULE 6 PACK 114A 1200V TRENCHIGBT MODULE 6 PACK 114A 1200V TRENCH; Transistor type:3-phase bridge inverter; Case style:SEMITOP-4; Voltage
:SEMITOP 2; Centres, fixing:38mm; Current, Ic av:23A; Current, Ic continuous b max:15A; RoHS Compliant: Yes
IGBT MODULE, 6 PACK 1200VIGBT MODULE, 6 PACK 1200V; Transistor type:IGBT; Case style:SEMITOP 3; Voltage, Vceo:1200V; Voltage, Vce sat max:2.1V
IGBT MODULE, DUAL 1200VIGBT MODULE, DUAL 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3V; Current, Ic
MOSFET MODULE, 6 PACK 75VMOSFET MODULE, 6 PACK 75V; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:100V; Case style:SEMITOP 2
RECTIFIER SCHOTTKY SINGLE 1A 70V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO
DIODE SCHOTTKY SINGLE 10V 150mW 0.37V-vf 30mA-IFM 1mA-IF 1uA-IR SOT-523 3K/REEL
IGBT MODULE, DUAL 600V; Transistor type:IGBT; Case style:SEMITOP 1; Voltage, Vceo:600V; Voltage, Vce sat max:2V; Current, Ic continuous a max:30A; Current, Icm pulsed:24A; Power, Pd:1400W; Time, rise:35ns; Centres, fixing:28.5mm;
Low Noise, Low Power, 32 Taps 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDIP8
IGBT MODULE 6 PACK 96A 600V TRENCHIGBT MODULE 6 PACK 96A 600V TRENCH; Transistor type:3-phase bridge inverter; Case style:SEMITOP-4; Current, Ic continuous a max:100A
IGBT MODULE, 6 PACK 1200VIGBT MODULE, 6 PACK 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:2.1V; Current, Ic continuous a max:22A; Current, Icm pulsed:44A; Power, Pd:1600W; Time,
http://
INTERSIL[Intersil Corporation]
Intersil, Corp.
IHP10T120 IGBTs & DuoPacks - 10A / 1200V IGBT and 4A / 1200V Diode in DuoPack
Infineon
6MBP75RJ120 IGBT IPM R-series 1200V class 1200V / 75A 6 in one-package
Fuji Electric
ETC
List of Unclassifed Manufacturers
MDI550-12A4 MID550-12A4 1200V IGBT module
IGBT Modules Short Circuit SOA Capability Square RBSOA
IGBT Modules: Boost Configurated IGBT Modules
IXYS[IXYS Corporation]
 
 Related keyword From Full Text Search System
NGTB30N120IHL ethernet transceiver NGTB30N120IHL free down NGTB30N120IHL Processor NGTB30N120IHL Octal NGTB30N120IHL voltage vgs
NGTB30N120IHL programmable NGTB30N120IHL informacion de NGTB30N120IHL device NGTB30N120IHL hitachi NGTB30N120IHL driver
 

 

Price & Availability of NGTB30N120IHL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.42767691612244