PART |
Description |
Maker |
CD620815A CD670815A CD621415A CD671415A CD621615A |
POW-R-BLOK Dual SCR/Diode Isolated Module 150 Amperes / Up to 1600 Volts 250 A, 1400 V, SCR
|
Powerex Power Semiconductor... Powerex, Inc. Powerex Powers POWEREX[Powerex Power Semiconductors] POWEREX INC
|
MDS80-1200 MDS80-800 MDS35-800 MDS50-1200 MDS50 MD |
DIODE / SCR MODULE DIODE / SCR MODULE TV 4C 4#16 SKT PLUG RECP TV 8C 8#20 PIN PLUG RECP 二极可控硅模
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导 STMicroelectronics N.V.
|
N275CH04 N275CH04LOO N275CH04KOO N275CH04HOO N275C |
769.3 A, 400 V, SCR, TO-200AB 5565.65 A, 400 V, SCR 1640.65 A, 600 V, SCR, TO-200AC 36.11 A, 1200 V, SCR, TO-48 2614.05 A, 1400 V, SCR 3799.4 A, 3400 V, SCR 2610.91 A, 2600 V, SCR 133.45 A, 800 V, SCR 4474.5 A, 4200 V, SCR 3925 A, 4500 V, SCR 3925 A, 4400 V, SCR 2692.55 A, 1600 V, SCR 70.65 A, 200 V, SCR, TO-65 3595.3 A, 400 V, SCR 3595.3 A, 200 V, SCR 4003.5 A, 2800 V, SCR 1428.7 A, 1800 V, SCR, TO-200AC 1428.7 A, 1600 V, SCR, TO-200AC 612.3 A, 1600 V, SCR 32.97 A, 1000 V, SCR, TO-48 98.91 A, 1000 V, SCR, TO-65
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
MDS35-800 |
DIODE / SCR MODULE
|
SGS Thomson Microelectronics
|
3R3TI30E-080 |
800 V, SCR DIODE and TYRISTOR MODULE
|
COLLMER SEMICONDUCTOR INC FUJI ELECTRIC HOLDINGS CO., LTD. FUJI[Fuji Electric] http://
|
4R3TI20Y-080 |
DIODE and TYRISTOR MODULE 31.4 A, 800 V, SCR
|
COLLMER SEMICONDUCTOR INC Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric] FUJI ELECTRIC CO LTD
|
MCC162-18IO1 MCC162-14IO1 MCD162-18IO1 MCD162-12IO |
Thyristor and Rectifiers Modules PC Board Connector; No. of Contacts:8; Pitch Spacing:3.96mm; No. of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PA Polyamide (Nylon); Contact Thyristor Modules Thyristor/Diode Modules 300 A, 1400 V, SCR Thyristor Modules Thyristor/Diode Modules 晶闸管模块可控硅/二极管模 Thyristor Modules Thyristor/Diode Modules 300 A, 800 V, SCR Thyristor Modules Thyristor/Diode Modules 300 A, 1800 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
ND431425 ND431225 ND430625 ND4325 ND430825 ND43102 |
POW-R-BLOK Dual SCR Isolated Module (250 Amperes / Up to 1600 Volts) 393 A, 1400 V, SCR
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors] Powerex Power Semiconductor...
|
ND471025 ND4725 ND470625 ND470825 ND471225 ND47142 |
POW-R-BLOK Dual SCR/Diode Isolated Module (250 Amperes / Up to 1600 Volts) POW-R-BLOK Dual SCR/Diode Isolated Module (250 Amperes / Up to 1600 Volts)
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] http://
|
ND421825 |
POW-R-BLOK Dual SCR/Diode Isolated Module (250 Amperes / 1800 Volts)
|
POWEREX[Powerex Power Semiconductors]
|
MP02XXX190 MP02/190-12 MP02/190-14 MP02/190/10 |
Phase Control Dual SCR, SCR/Diode Modules
|
Dynex Semiconductor
|
|