PART |
Description |
Maker |
MD205MS-15EHI MD212MS-15EHI MD224MS-15EHI |
Miniature, 2W SIP Medical Approved DC/DC Converters
|
MicroPower Direct, LLC
|
M28W320EBB85ZB1T M28W320EBT85N1T M28W320EBB85N1T M |
Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 12.7 V; VZ min.: 11.4 V; VZ nom: 12 V surface mount silicon Zener diodes Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 15.6 V; VZ min.: 13.8 V; VZ nom: 15 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 11.6 V; VZ min.: 10.4 V; VZ nom: 11 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 10.6 V; VZ min.: 9.4 V; VZ nom: 10 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 3.5 V; VZ min.: 3.1 V; VZ nom: 3.3 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 14.1 V; VZ min.: 12.4 V; VZ nom: 13 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 2.6 V; VZ min.: 2.2 V; VZ nom: 2.4 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 2.9 V; VZ min.: 2.5 V; VZ nom: 2.7 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 3.2 V; VZ min.: 2.8 V; VZ nom: 3 V 32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory 32兆位(处理器x16插槽,引导块V电源快闪记忆
|
意法半导 STMicroelectronics N.V.
|
9011 9011-05-0-11 9012-05-0-10 9012-05-0-11 9012-0 |
MINIATURE SIP RELAYS
|
ETC Coto Technology
|
D204I |
High Isolation Miniature 2W SIP DC/DC Converters
|
ETC
|
MAU206 MAU211 MAU212 MAU215 MAU217 MAU218 MAU219 M |
From old datasheet system MAU200 SERIES 1 WATT ULTRA MINIATURE HIGH ISOLATION SIP DC/DC SINGLE & DUAL OUTPUT MAU200 Series 1 Watt Ultra Miniature High Isolation SIP DC/DC Single & Dual Output
|
Total Power Internation... ETC TOTAL-POWER[Total Power International] Electronic Theatre Controls, Inc.
|
MBU124 MBU101 MBU102 MBU103 MBU111 MBU112 MBU113 M |
1W, Ultra Miniature SIP, Single Output DC/DC Converter
|
MINMAX[Minmax Technology Co., Ltd.]
|
D202RU D217RU D213RU D211RU D200RU D201RU |
Miniature SIP, 2W Ultra-Wide 4:1 Input DC/DC Converters
|
MicroPower Direct, LLC
|
D137ERW |
Low Cost, Miniature 1W SIP, Wide Input DC/DC Converters
|
MicroPower Direct, LLC
|
MBU131 MBU135 MBU111 MBU112 MBU113 MBU114 MBU124 M |
DC/DC CONVERTER 1W Miniature SIP-Package with Industry Standard Pinout
|
Minmax Technology Co., Ltd. Minmax Technology Co., ...
|
4608H-701-332/472 4608H-701-332/272 4608H-701-332/ |
RC NETWORK, BUSSED, 3300ohm, 50V, 0.0047uF, THROUGH HOLE MOUNT, SIP-8 SIP RC NETWORK, BUSSED, 3300ohm, 50V, 0.0027uF, THROUGH HOLE MOUNT, SIP-8 SIP RC NETWORK, BUSSED, 3300ohm, 50V, 0.047uF, THROUGH HOLE MOUNT, SIP-8 SIP RC NETWORK, BUSSED, 3300ohm, 50V, 0.000047uF, THROUGH HOLE MOUNT, SIP-8 SIP RC NETWORK, BUSSED, 3300ohm, 50V, 0.00047uF, THROUGH HOLE MOUNT, SIP-8 SIP RC NETWORK, BUSSED, 100000ohm, 50V, 0.015uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 82ohm, 50V, 0.00012uF, THROUGH HOLE MOUNT, SIP-10 RC NETWORK, BUSSED, 82ohm, 50V, 0.00022uF, THROUGH HOLE MOUNT, SIP-10 RC NETWORK, BUSSED, 390000ohm, 50V, 0.027uF, THROUGH HOLE MOUNT, SIP-10 RC NETWORK, BUSSED, 1500ohm, 50V, 0.015uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 10000ohm, 50V, 0.015uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 330ohm, 50V, 0.0001uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 100ohm, 50V, 0.0047uF, THROUGH HOLE MOUNT, SIP-10 RC NETWORK, BUSSED, 33ohm, 50V, 0.000047uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 1200ohm, 50V, 0.047uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 33ohm, 50V, 0.00047uF, THROUGH HOLE MOUNT, SIP-9 Thick Film Resistor Network; Series:4600X; Resistance:22ohm; Resistance Tolerance: 5, - 20%; Power Rating:1.13W; Operating Temperature Range:-55 C to ? C; Resistor Element Material:Thick Film; Voltage Rating:100VDC RoHS Compliant: No RC NETWORK, BUSSED, 100000ohm, 50V, 0.0039uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 33000ohm, 50V, 0.001uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 15000ohm, 50V, 0.00068uF, THROUGH HOLE MOUNT, SIP-9 RC NETWORK, BUSSED, 15000ohm, 50V, 0.00033uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 100000ohm, 50V, 0.033uF, THROUGH HOLE MOUNT, SIP-9 RC NETWORK, BUSSED, 330ohm, 50V, 0.00033uF, THROUGH HOLE MOUNT, SIP-9
|
Bourns, Inc. BOURNS INC
|
|