PART |
Description |
Maker |
MD105MS-15EHI MD112MS-15EHI MD124MS-15EHI |
Miniature, 1W SIP Medical Approved DC/DC Con vert ers
|
MicroPower Direct, LLC
|
M28W320EBB85ZB1T M28W320EBT85N1T M28W320EBB85N1T M |
Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 12.7 V; VZ min.: 11.4 V; VZ nom: 12 V surface mount silicon Zener diodes Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 15.6 V; VZ min.: 13.8 V; VZ nom: 15 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 11.6 V; VZ min.: 10.4 V; VZ nom: 11 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 10.6 V; VZ min.: 9.4 V; VZ nom: 10 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 3.5 V; VZ min.: 3.1 V; VZ nom: 3.3 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 14.1 V; VZ min.: 12.4 V; VZ nom: 13 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 2.6 V; VZ min.: 2.2 V; VZ nom: 2.4 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 2.9 V; VZ min.: 2.5 V; VZ nom: 2.7 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 3.2 V; VZ min.: 2.8 V; VZ nom: 3 V 32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory 32兆位(处理器x16插槽,引导块V电源快闪记忆
|
意法半导 STMicroelectronics N.V.
|
KSS026-85TG KSS021-85TG KSS050-210GG KSS050-49GG K |
26 POS PEEL-A-WAY® SIP SOCKET SIP26, IC SOCKET 21 POS PEEL-A-WAY® SIP SOCKET SIP21, IC SOCKET 50 POS PEEL-A-WAY® SIP SOCKET SIP50, IC SOCKET 54 POS PEEL-A-WAY® SIP SOCKET SIP54, IC SOCKET 11 POS PEEL-A-WAY® SIP SOCKET SIP11, IC SOCKET 2 POS PEEL-A-WAY® SIP SOCKET SIP2, IC SOCKET 8 POS PEEL-A-WAY® SIP SOCKET SIP8, IC SOCKET 44 POS PEEL-A-WAY® SIP SOCKET SIP44, IC SOCKET 30 POS PEEL-A-WAY® SIP SOCKET SIP30, IC SOCKET 20 POS PEEL-A-WAY® SIP SOCKET SIP20, IC SOCKET 43 POS PEEL-A-WAY® SIP SOCKET SIP43, IC SOCKET 39 POS PEEL-A-WAY® SIP SOCKET SIP39, IC SOCKET 41 POS PEEL-A-WAY® SIP SOCKET SIP41, IC SOCKET 17 POS PEEL-A-WAY® SIP SOCKET SIP17, IC SOCKET 14 POS PEEL-A-WAY® SIP SOCKET SIP14, IC SOCKET 12 POS PEEL-A-WAY® SIP SOCKET SIP12, IC SOCKET 34 POS PEEL-A-WAY® SIP SOCKET SIP34, IC SOCKET 100 POS PEEL-A-WAY® SIP SOCKET SIP100, IC SOCKET 27 POS PEEL-A-WAY® SIP SOCKET SIP27, IC SOCKET SIP10, IC SOCKET 16 POS PEEL-A-WAY® SIP SOCKET SIP67, IC SOCKET 72 POS PEEL-A-WAY® SIP SOCKET SIP38, IC SOCKET SIP59, IC SOCKET SIP94, IC SOCKET SIP49, IC SOCKET SIP23, IC SOCKET SIP3, IC SOCKET 48 POS PEEL-A-WAY® SIP SOCKET
|
Advanced Interconnections, Corp. Maxim Integrated Products, Inc. ADVANCED INTERCONNECTIONS CORP
|
9012 9011 9091 |
Miniature SIP Relays
|
RHOPOINT COMPONENTS
|
HPR407C HPR414C HPR410C HPR409C HPR417C HPR400C HP |
0.75 Watt Miniature SIP DC/DC Converter
|
Murata Power Solutions Inc.
|
D108I D132I D135I D133I D131I D134I D111I D112I D1 |
High Isolation Miniature, 1W SIP DC/DC Converters
|
MicroPower Direct, LLC
|
E103EI E100EI E101EI E121EI |
1W, High Isolation Ultra-Miniature SIP DC/DC Converters
|
MicroPower Direct, LLC
|
D215ERU D219ERU D205ERU D203ERU D218ERU D211ERU D2 |
Low Cost, 4:1 Input Miniature, 2W SIP DC/DC Converters
|
MicroPower Direct, LLC
|
D118 D111 D104 D131 D112 D125 D115 D138 D116 D128 |
Single & Dual Output Miniature, 1W SIP DC/DC Converters
|
MicroPower Direct, LLC
|
MPS-03 MPS-03S-03 MPS-03S-05 MPS-03S-09 MPS-03S-12 |
Single Output, 3W Ultra-Miniature SIP AC/DC Power Supplies
|
MicroPower Direct, LLC
|
9094 |
9094 HIGH POWER MINIATURE SIP REED RELAYS
|
Coto Technology
|
MBU103 MBU104 MBU111 MBU101 MBU102 MBU100 MBU113 |
MBU100 SERIES 1WATT ULTRA MINIATURE HIGH SIP DC/DC CONVERTERS
|
Total Power International
|