PART |
Description |
Maker |
T350A224M050AT |
T350, Tantalum, MnO2 Tantalum, Commercial Grade, 0.22 uF, 20%, 50 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing= 2.54mm
|
Kemet Corporation
|
T495B106K025ATE750 |
Tantalum, MnO2 Tantalum, T495, 10 uF, 10%, 25 V, 3528, SMD, MnO2, Molded, Low ESR, 750 mOhms, 2.1mm
|
Kemet Corporation
|
T491C106K016AH |
Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 16 V, 6032, SMD, MnO2, Molded, 1.8 Ohms, Height Max = 2.8mm
|
Kemet Corporation
|
T495B106M016ATE650 |
Tantalum, MnO2 Tantalum, T495, 10 uF, 20%, 16 V, 3528, SMD, MnO2, Molded, Low ESR, 650 mOhms, Height Max = 2.1mm
|
Kemet Corporation
|
T495D226K035ATE260 |
Tantalum, MnO2 Tantalum, T495, 22 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 260 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T495C476K016ATE300 |
Tantalum, MnO2 Tantalum, T495, 47 uF, 10%, 16 V, 6032, SMD, MnO2, Molded, Low ESR, 300 mOhms, Height Max = 2.8mm
|
Kemet Corporation
|
T495D685K050ATE300 |
Tantalum, MnO2 Tantalum, T495, 6.8 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, Low ESR, 300 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T489D106M035ATE800 |
Tantalum, MnO2 Tantalum, T489, 10 uF, 20%, 35 V, 7343, SMD, MnO2, Molded, Low Leakage, 800 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T495X476K020ATE150 |
Tantalum, MnO2 Tantalum, T495, 47 uF, 10%, 20 V, 7343, SMD, MnO2, Molded, Low ESR, 150 mOhms, Height Max = 4.3mm
|
Kemet Corporation
|
T491D476K006AT |
Tantalum, MnO2 Tantalum, T491, 47 uF, 10%, 6.3 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
|