PART |
Description |
Maker |
LTC2645 |
Quad 12-/10-/8-Bit PWM to VOUT DACs
|
Linear Technology
|
ISL6520A |
PWM Controller, 5V Input, VOUT 0.8V Min @ 1.5%, 300kHz, COMP/OCSET Pin, with Shoot-Thru Protection
|
Intersil
|
LTC2636CMS-LZ10 LTC2636HMS-LZ10 LTC2636IDE-LZ10 LT |
8-BIT DAC, PDSO14 Octal 12-/10-/8-Bit SPI VOUT DACs with10ppm/°C Reference Octal 12-/10-/8-Bit SPI VOUT DACs with10ppm/掳C Reference Octal 12-/10-/8-Bit SPI VOUT DACs with10ppm/隆?C Reference
|
LINEAR TECHNOLOGY CORP http://
|
AD5065BRUZ-1REEL7 AD5045BRUZ EVAL-AD5045EBZ EVAL-A |
Fully Accurate 12-/14-/16-Bit VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP 完全准确12-/14-/16-Bit VOUT电源DAC的SPI接口2.7 V.5 V采用TSSOP Fully Accurate 12-/14-/16-Bit VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP 完全准确12-/14-/16-Bit VOUT电源DAC的SPI接口.7 V.5 V采用TSSOP
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD5061 |
16-Bit Vout nanoDAC Converter
|
Analog Devices
|
IPM6220EVAL1 ISL6235CA ISL6235 ISL6235EVAL1 |
27.0; advanced triple PWM only mode and dual linear power controller for portable applications PWM Controller, Triple Linear and Dual PWM, 5.6 to 24V Input, Outputs 5/ 3.3V ALWAYS and 5V/ 3.3V Main, 12V, Notebook PCs Octal D-Type Transparent Latches With 3-State Outputs 20-SOIC -40 to 85 只有先进的三重的PWM模式和双线性电源控制器,用于便携式应用
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
AD5062BRJ-1 AD5062BRJ-2 AD5062BRJ-3 AD5063BRM-1 |
Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
|
Analog Devices, Inc.
|
AD50601 AD5061 AD50621 AD5024 AD5025 |
Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
|
Analog Devices
|
LX1664 LX1664A LX1664ACD LX1664ACN LX1664CD LX1664 |
DUAL OUTPUT PWM CONTROLLERS WITH 5-BIT DAC
|
稳压 MICROSEMI[Microsemi Corporation]
|
SC475A |
Synchronous Buck Controller with Dual-Level VOUT Transition Support
|
Semtech Corporation
|