PART |
Description |
Maker |
PCA9501 PCA9501BS PCA9501D PCA9501PW |
8-bit I2C and SMBus I/O port with interrupt 2-kbit EEPROM and 6 address pins 8-bit I2C and SMBus I/O port with interrupt, 2-kbit EEPROM and 6 address pins
|
PHILIPS[Philips Semiconductors]
|
MCP23016 MCP23016T-I/ML |
16-bit I/O port expander with interrupt 3 hardware address pins allow user to use up to 8 of these devices on the same I2C/SMBus ...
|
Microchip
|
ECOS2CA271 ECOS1EA332CL ECOS1KA681BA TS-HA ECOS1AA |
CAP .033UF 50V PPS FILM ECH-S CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 12000 uF, THROUGH HOLE MOUNT Remote 16-Bit I<sup>2</sup>C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 8200 uF, THROUGH HOLE MOUNT Large Can Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 22000 uF, THROUGH HOLE MOUNT Large Can Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 2200 uF, THROUGH HOLE MOUNT Remote 16-Bit I<sup>2</sup>C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 6800 uF, THROUGH HOLE MOUNT Single Slot PC CardBus Controller 144-BGA MICROSTAR 0 to 70 Replaced by PCI1510 : PC Card Controller 144-LQFP 0 to 70 Replaced by PCI1520 : PCI-to-PC Card Controller 209-BGA MICROSTAR Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-TVSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-VQFN -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SOIC -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SSOP/QSOP -40 to 85 Replaced by PCI1520 : PC Card Controller 256-BGA Ring Tongue Solderless Terminal; Wire Size (AWG):1/0; Stud Size:3/4 Replaced by PCI1520 : PC Card Controller 257-BGA MICROSTAR 005279 0.01UF 16V 0402. Large Can Aluminum Electrolytic Capacitors
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor] http://
|
CAT9554 CAT9554A CAT9554AWI-G CAT9554AWI-GT2 |
I<sup>2</sup>C / SMBUS Expander, 8-bit, w/int 8-bit I2C and SMBus I/O Port with Interrupt 8-bit I虏C and SMBus I/O Port with Interrupt 8-bit I漏梅C and SMBus I/O Port with Interrupt
|
http:// ON Semiconductor
|
PCA9558 PCA9558PW PCA9558_2 |
8-bit I 2 C and SMBus I/O port with 5-bit From old datasheet system 8-bit I2C and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C EEPROM and 2 k bit EEPROM
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
LTC1694-1 LTC1694IS5TRM LINEARTECHNOLOGYCORP-LTC16 |
SMBus/I²C Accelerator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C SMBus/I2C Accelerator
|
LINEAR TECHNOLOGY CORP
|
SP5502 SP5502FKGMPAS SP5502SKGMPAS |
1.3GHz I2C BUS 4-Address Synthesiser 1.3GHz IIC Bus 4-Address Synthesiser(1.3GHz IIC总线的频率合成器(带4条可编程IIC总线地址
|
Mitel Semiconductor MITEL[Mitel Networks Corporation]
|
ISL97677 ISL97677IRZ |
SMBus/I2C 8-Channel LED Driver
|
Intersil Corporation
|
XRA1201PIL24TR-F XRA1201PIL24-F XRA1201PIG24-F XRA |
16-BIT I2C/SMBUS GPIO EXPANDER
|
Exar Corporation
|
CAT9555 CAT9555HV6I CAT9555HV6I-G CAT9555HV6I-GT2 |
16-bit I2C and SMBus I/O Port with Interrupt
|
Catalyst Semiconductor
|