PART |
Description |
Maker |
AD7244AQ AD7244JN AD7244JR AD7244SQ3 AD7242BQ AD72 |
CMOS, Dual, Complete 12-Bit Serial DACPORT TM LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs DUAL, SERIAL INPUT LOADING, 2 us SETTLING TIME, 12-BIT DAC, CDIP24 LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs LC2MOS双,完整2-Bit/14-Bit串行数模转换 LC2MOS Dual/ Complete/ 12-Bit/14-Bit Serial DACs XTAL PLAS SMT 13X5 4PAD
|
Analog Devices, Inc. ANALOG DEVICES INC http://
|
MAX108 MAX108CHC |
5V / 1.5Gsps / 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 【5V, 1.5Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
28C64AF-20/TS 28C64AF-15/TS 28C64AF-15I/TS 28C64AF |
16-Bit Parallel-Input Voltage-Output DACs with Internal Reference 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5591/MAX5593/MAX5595 x8的EEPROM 32-Channel, 14-Bit, Voltage-Output DACs with Serial Interface x8的EEPROM 128Kx8 EEPROM 128Kx8 EEPROM
|
Microchip Technology, Inc.
|
AD7835ASZ-REEL ANALOGDEVICESINC-AD7835ASZ-REEL AD7 |
LC2MOS Quad 14-Bit DACs LC2MOS Quad 14-Bit DAC; Package: MQFP (13.90mm wide); No of Pins: 44; Temperature Range: Commercial LC MOS Quad 14-Bit DACs
|
ANALOG DEVICES INC
|
MAX535 MAX5351ACPA MAX5351ACUA MAX5351AEPA MAX5351 |
Low-Power 13-Bit Voltage-Output DACs with Serial Interface Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:23-35 RoHS Compliant: No Low-Power / 13-Bit Voltage-Output DACs with Serial Interface Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDSO8 Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDIP8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
28C64AF-15/J 28C64A-15/J 28C64AF-20/J 28C64A-20/J |
16-Bit DACs with 16-Channel Sample-and-Hold Outputs Dual, Ultra-Low-Power, 8-Bit, Voltage-Output DACs 128Kx8 EEPROM 128Kx8 EEPROM
|
Microchip Technology, Inc.
|
MAX108 |
V, 1.5Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier ±5V1.5Gsps位、超高速、ADC,带有片.2GHz采样/保持放大
|
Maxim Integrated Products, Inc.
|
MAX5380 MAX5380EUK-T MAX5380LEUK MAX5380-MAX5382 M |
4 V, Low-cost, low-power, 8-bit DAC with 2-wire serial interface Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 SERIAL INPUT LOADING, 20 us SETTLING TIME, 8-BIT DAC, PDSO5 Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 低成本,低功耗,8位DAC2线串行接口,采用SOT23 Low-Cost Low-Power 8-Bit DACs with 2-Wire Serial Interface in SOT23 " Low-Cost, Low- Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23" Low-Cost / Low-Power / 8-Bit DACs with 2-Wire Serial Interface in SOT23
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX5510 MAX5511ETC MAX5510ETC MAX5510ETCT MAX5511 |
1.8V to 5.5V, Ultra-Low-Power, 8-Bit, Voltage-Output DACs SERIAL INPUT LOADING, 660 us SETTLING TIME, 8-BIT DAC, QCC12 1.8V to 5.5V. Ultra-Low-Power. 8-Bit. Voltage-Output DACs
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX5130AEEE MAX5130BEEE MAX5131AEEE MAX5131BEEE |
3V/ 5V / 13-Bit / Serial Voltage-Output DACs with Internal Reference 3V/ 5V, 13-Bit, Serial Voltage-Output DACs with Internal Reference SERIAL INPUT LOADING, 20 us SETTLING TIME, 13-BIT DAC, PDSO16
|
Maxim Integrated Products, Inc.
|
MAX5360 MAX5360LEUK MAX5360MEUK MAX5360NEUK MAX536 |
4 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 低成本,低功耗,6位DAC,带线串行接口,采用SOT23封装 Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package SERIAL INPUT LOADING, 20 us SETTLING TIME, 6-BIT DAC, PDSO5 Low-Cost / Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package Low-Cost Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 2 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|