PART |
Description |
Maker |
FZT955_05 FZT955 |
SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
|
ZETEX[Zetex Semiconductors]
|
FZT953 |
SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
|
ZETEX
|
BTP1955L3 |
PNP Epitaxial Planar High Current (High Performance) Transistor
|
Cystech Electonics Corp.
|
BTP955J3 |
PNP Epitaxial Planar High Current (High Performance) Transistor
|
Cystech Electonics Corp.
|
APW8707B |
High-Performance, High-Current DrMOS Power Module
|
Anpec Electronics Corop...
|
AOZ5007 |
High-Current, High-Performance DrMOS Power Module
|
Alpha & Omega Semiconductors
|
HFBR-2537 HFBR2521 HFBR2537 HFBR-0501 HFBR2528 HFB |
HFBR-2533 · 40 kBd 600nm Low Current/Extended Distance Link Receiver in Vertical Package HFBR-2531 · 5 MBd 600nm High Performance Link Receiver in Vertical Package HFBR-2522 · 1 MBd 600nm High Performance Link Receiver in Horizontal Package HFBR-2524 · 1 MBd 600nm Standard Link Receiver in Horizontal Package HFBR-2523 · 40 kBd 600nm Low Current/Extended Distance Link Receiver in Horizontal Package HFBR-2532 · 1 MBd 600nm High Performance Link Receiver in Vertical Package HFBR-1533 · 40 kBd 600nm Low Current/Extended Distance Link Transmitter in Vertical Package HFBR-1532 · 1 MBd 600nm High Performance Link Transmitter in Vertical Package HFBR-1531 · 5 MBd 600nm High Performance Link Transmitter in Vertical Package HFBR-1522 · 1 MBd 600nm High Performance Link Transmitter in Horizontal Package HFBR-2521 · 5 MBd 600nm High Performance Link Receiver in Horizontal Package HFBR-1523 · 40 kBd 600nm Low Current/Extended Distance Link Transmitter in Horizontal Package HFBR-0501 · Evaluation Kit for DC to 5 MBd TTL Applications with Plastic Optical Fibers (HFBR-x5xx) Versatile Link The Versatile Fiber Optic Connection
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) Hewlett-Packard / Agilent
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
2B22 |
High Performance, Isolated Voltage-to-Current Converter High Performance, Isolated Voltage?to-Current Converter High Performance, Isolated Voltageto-Current Converter
|
Intronics List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc.
|
EM78P156EHAS EM78P156EHM EM78P156EHP EM78P156EHKM |
8-bit microprocessor with low-power and high-speed CMOS technology High-Performance, Single-Ended, Current-Mode PWM Controllers
|
ELAN Microelctronics Corp .
|
5962-9951901QYA 5962-9951902QYA 5962-9952001QYA 59 |
5V, ISR high-performance CPLDs, 64 macrocells, 125MHz 5V, ISR high-performance CPLDs, 64 macrocells, 154MHz 3.3V, ISR high-performance CPLDs, 64 macrocells, 100MHz 3.3V, ISR high-performance CPLDs, 128 macrocells, 83MHz 3.3V, ISR high-performance CPLDs, 256 macrocells, 66MHz 5V, ISR high-performance CPLDs, 512 macrocells, 100MHz 3.3V, ISR high-performance CPLDs, 512 macrocells, 66MHz 3.3V, ISR high-performance CPLDs, 64 macrocells, 143MHz
|
Cypress
|