PART |
Description |
Maker |
507-4538-1431-630 249-7866-0937-514 249-7866-0935- |
Indicator Lamp; Supply Voltage:125VAC; Color:Red; Current Rating:0.7mA; Mounting Hole Dia:9.5mm; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Indicator Lamp; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No SINGLE COLOR LED NEON PANEL MOUNT INDICATORS, Cylindrical Red
|
Dialight PLC Dialight Corporation Dialight Corp.
|
Z402L Z403L Z404 Z403LR |
FUSE CLIP, FOR 3AG FUSES W/O STOP, PCB MNT., TIN PLATED Fuse Holder; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes TRANSFORMER VARIABLE OPEN 3A Fuse Holder; Mounting Type:PC Board; Body Material:Thermoplastic; Contact Material:Copper Alloy; Current Rating:15A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Voltage Rating:32V Fuse Holder; Fuse Size/Group:Mini; Mounting Type:In-Line; Body Material:Thermoplastic; Contact Material:Copper Alloy; Contact Plating:Tin; Current Rating:30A; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No
|
保险丝支架,夹子&硬件
|
SNAP-MODFUSEHLDRB |
Fuse Holder; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No
|
Opto 22
|
SM6702-27HB SM6702-30HA SM6702-33HB SM6702 SM6702- |
Switches; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No PFM Step-up DC/DC Converter
|
Seiko NPC Corporation NPC[Nippon Precision Circuits Inc]
|
122506A |
Connector assemblies, Test; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes INTERCONNECTION DEVICE
|
Pomona Electronics
|
F6S2-2M2 |
Fiber Optic Cable Assembly; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
PANDUIT CORP
|
UPD482234LE-XXX UPD482235LE-XXX UPD482235G5-XXX UP |
Indicator Lamp; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes PEGES INTENTLY BLACK PEGES一心一意黑
|
NEC Corp. NEC, Corp.
|
ISPPAC-CLK5510V-01T48C ISPPAC-CLK5510V-01T48I ISPP |
LED Area Light; Forward Current:300mA; Operating Temperature Range:0 C to 50 C; LED Color:Red; Leaded Process Compatible:No; Light Emitting Area:80x80mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA LED Area Light; LED Color:Blue; Leaded Process Compatible:No; Light Emitting Area:62x62mm; Peak Reflow Compatible (260 C):No; Supply Current:200mA; Supply Voltage:24VDC; Wavelength:470nm Backlight LED; Color:Infrared; Digit/Alpha Height:85mm; Forward Current:500mA; Operating Temperature Range:0 C to 50 C; Leaded Process Compatible:No; Light Emitting Area:85x220mm; Peak Reflow Compatible (260 C):No LED Area Light; LED Color:Infrared; Leaded Process Compatible:No; Light Emitting Area:62x62mm; Peak Reflow Compatible (260 C):No; Supply Current:150mA; Supply Voltage:24VDC; Wavelength:940nm Linear Array Light; LED Color:Green; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:1.6A; Supply Voltage:24VDC; Wavelength:530nm Linear Array Light; LED Color:Blue; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:800mA; Supply Voltage:24VDC; Wavelength:470nm 5500 SERIES, PLL BASED CLOCK DRIVER, 20 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP100 In-System Programmable Clock Generator with Universal Fan-Out Buffer 5500 SERIES, PLL BASED CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP48
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
CDB4272 CS4272-CZZ |
24-Bit / 192 kHz Stereo Audio CODEC A/D Converter (A-D) IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No SPECIALTY CONSUMER CIRCUIT, PDSO28
|
Cirrus Logic, Inc.
|
1581-2 |
Banana Jack; Current Rating:15A; Body Material:Brass; Color:Red; Contact Plating:Tin Over Nickel; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes INTERCONNECTION DEVICE
|
Pomona Electronics
|
SLD323V-3 SLD323V SLD323V-1 SLD323V-2 SLD323V-21 S |
Audio CODEC IC; IC Function:Audio CODEC IC; Package/Case:24-TSSOP; IC Generic Number:4270; Leaded Process Compatible:No; Number of Bits:24; Number of Channels:1; Operating Temp. Max:70 C; Operating Temp. Min:-10 C 1W的高功率密度激光二极管 Stereo CODEC IC; IC Function:Stereo CODEC IC; Package/Case:28-TSSOP; Leaded Process Compatible:No; Operating Temp. Max:-40 C; Operating Temp. Min:85 C; Peak Reflow Compatible (260 C):No; Supply Voltage:3.1V RoHS Compliant: Yes Audio CODEC IC; IC Function:Audio Codec; Package/Case:24-TSSOP; Leaded Process Compatible:No; No. of Bits:24; No. of Channels:1; Operating Temp. Max:70 C; Operating Temp. Min:-10 C; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Audio CODEC IC; IC Function:Audio Codec; Package/Case:64-LQFP; Leaded Process Compatible:No; No. of Bits:24; No. of Channels:6; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 24BIT CODEC AUDIO, 4271, TSSOP28; Resolution, Bits:24bit; Sample Rate:192kHz; DACs, No. of:2; Interface Type:Serial; Output Type:Differential; Voltage, Supply Min:2.37V; Voltage, Supply Max:5.25V; Termination Type:SMD; A/D Converter (A-D) IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No High Power Density 1W Laser Diode
|
Sony, Corp. SONY[Sony Corporation]
|
Q62702-C689-V4 Q62702-C690-V2 Q62702-C690-V1 Q6270 |
Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:PNP; Switch Terminals:Connector; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Contact Current Max:150mA ; Sensor Input Type:Fiber Optic; Sensing Range Max:0.1mm; Sensor Output:PNP; Switch Terminals:Quick Connect; Leaded Process Compatible:No; Mounting Type:DIN Rail; Peak Reflow Compatible (260 C):No; Sensing Range Min:100mm NPN Silicon Transistors NPN硅晶体管
|
http:// SIEMENS[Siemens Semiconductor Group] SIEMENS AG Siemens Semiconductor G...
|