PART |
Description |
Maker |
AON6544 AON6544L |
DFN 5X6 PACKAGE MARKING DESCRIPTION
|
Alpha & Omega Semiconductors
|
LTC3427 LTC3427EDC LTC3427EDCTRM |
500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm x 2mm DFN Package; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.5 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO6 500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm × 2mm DFN Package 500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 】 2mm DFN Package
|
Linear Technology, Corp.
|
LT3466-1 LT3466EDD-1 LBRX LT3466EDD-1TR |
White LED Driver and Boost Converter in 3mm x 3mm DFN Dual Full Function White LED Step-Up Converter with Built-In Schottky Diodes; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C White LED Driver and Boost Converter in 3mm × 3mm DFN Package White LED Driver and Boost Converter in 3mm ? 3mm DFN Package
|
LINEAR TECHNOLOGY CORP
|
AM27C64-70LEB AM27C64-120LEB AM27C64-70/BXA AM27C6 |
Standalone Linear Li-Ion Battery Chargers with Thermal Regulation in DFN; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C Standalone Li-Ion Switch Mode Battery Charger; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C Coulomb Counter/Battery Gas Gauge; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C Hot Swap Controller in 6-Lead SOT-23 Package; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C 4A, High Efficiency, Standalone Li-Ion Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C x8 EPROM x8存储
|
Ironwood Electronics
|
AOK40B60D |
TO247 PACKAGE MARKING DESCRIPTION
|
Alpha & Omega Semiconductors
|
AOK20B60D1 AOK20B60D1L |
TO247 PACKAGE MARKING DESCRIPTION
|
Alpha & Omega Semiconductors
|
AOT3N100L |
TO220 PACKAGE MARKING DESCRIPTION
|
Alpha & Omega Semiconductors
|
AO4578L |
SO8 PACKAGE MARKING DESCRIPTION
|
Alpha & Omega Semiconductors
|
AAT3696 |
1.6A Li-Ion Battery Charger in a 3x3 TDFN Package
|
Skyworks Solutions Inc.
|
AOD2544 AOD2544L |
TO252(DPAK) PACKAGE MARKING DESCRIPTION
|
Alpha & Omega Semiconductors
|