PART |
Description |
Maker |
HTZ150C6K HTZ150C7K HTZ150C8K HTZ150C9K |
6000V high voltage diode rectifier module 7200V high voltage diode rectifier module 8400V high voltage diode rectifier module 9600V high voltage diode rectifier module
|
IXYS
|
F15 F25 F20 F30 |
Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(????靛?2000V锛?钩??????娴?50mA锛?酱??????瀵?????楂??蹇???㈠??存?浜??绠々 Fast Recovery Axial Rectifier1500 V-3000 VIo=0.35 A RECTIFIER, up to 3kV, 350mA, 250ns Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压2000V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压2500V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压3000V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压1500V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Fast Recovery Axial Rectifier.1500 V-3000 V.Io=0.35 A 快速恢复轴向Rectifier.1500 V000五,木卫一\u003d 0.35
|
Semtech Corporation Microsemi, Corp.
|
SHM80F SHM100F SHM20F SHM60F SHM140F SHM25F SHM40F |
FAST RECOVERY HIGH VOLTAGE RECTIFIER 50-250 mA 1500-14000 VOLTS 150-200 nsec HIGH VOLTAGE RECTIFIER 0.1 A, 6000 V, SILICON, SIGNAL DIODE 50-250 mA 1500-14000 VOLTS 200 usec HIGH VOLTAGE RECTIFIER 0.15 A, 4000 V, SILICON, SIGNAL DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER RECTIFIER
|
Solid States Devices, Inc Solid State Devices, Inc. Solid States Devices, I...
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
PF75 |
0.18 A, 7500 V, SILICON, SIGNAL DIODE Axialleaded Hermetically Sealed High Voltage Fast Recovery Rectifier Diode(反向电压6000V,平均正向电00mA,轴向引脚,密封型,高压,快速恢复整流二极管) Fast Recovery Axial Rectifier. 6000 V. Io=0.50 A RECTIFIER, 6kV, 500mA, 350ns PF75
|
Semtech Corporation
|
C3008EHDE C3008RHDE C3008EHE C3008EDE |
Ultrafast recovery diode HIGH FREQUENCY SECONDARY RECTIFIER High efficiency ultrafast diode 外围芯片 Turbo 2 ultrafast high voltage rectifier 外围芯片
|
TE Connectivity, Ltd.
|
STPS40150CG-TR STPS40150CW STPS40150CT |
20 A, 150 V, SILICON, RECTIFIER DIODE, TO-220AB HIGH VOLTAGE POWER SCHOTTKY RECTIFIER 20 A, 150 V, SILICON, RECTIFIER DIODE, TO-247AC
|
ST Microelectronics STMICROELECTRONICS
|
STTH8R0608 STTH8R06D STTH8R06DIRG STTH8R06FP STTH8 |
8 A, 600 V, SILICON, RECTIFIER DIODE Turbo 2 ultrafast high voltage rectifier
|
STMicroelectronics
|
STTH12S06 STTH12S06FP |
12 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AC Turbo 2 ultrafast high voltage rectifier
|
STMicroelectronics
|
VB20100SG-E3-8W V20100SG-E3-4W VF20100SG VF20100SG |
High-Voltage Trench MOS Barrier Schottky Rectifier 20 A, 100 V, SILICON, RECTIFIER DIODE, TO-220AB
|
Vishay Siliconix VISHAY SEMICONDUCTORS
|
|