PART |
Description |
Maker |
2SB1073 |
Low collector-emitter saturation voltage VCE(sat) Large peak collector current ICP
|
TY Semiconductor Co., Ltd
|
KTA1385D KTA1385L KTA1385D-15 |
EPITAXIAL PLANAR PNP TRANSISTOR (LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT)
|
KEC(Korea Electronics)
|
2SB1151-T60-T 2SB1151L-T60-T 2SB1412-TN3-F-R 2SB14 |
NPN SILICON TRANSISTOR POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS HIGH VOLTAGE HIGH SPEED SWITCHING BIPOLAR POWER GENERAL PURPOSE TRANSISTOR HIGH VOLTAGE SWITCHING TRANSISTOR LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
2SD5041 |
Transistor. AF output amplifier for electronic flash unit. Collector-base voltage Vcbo = 40V. Collector-emitter voltage Vceo = 20V. Emitter-base voltage Vebo = 7V. Collector dissipation Pc(max) = 0.75W. Collector current Ic = 5A. Transistors
|
Usha India Ltd.
|
2SC9011 |
Transistor. AM converter, AM/FM IF amplifier general purpose transistor. Collector-base voltage Vcbo = 60V. Collector-emitter voltage Vceo = 30V. Emitter-base voltage Vebo = 5V. Collector dissipation Pc(max) = 400mW. Collector current Ic
|
USHA India LTD
|
X4165S8 X4163 X4165V8I-2.7A X4165V8-2.7A X4163S8-4 |
CPU Supervisor with 16K EEPROM 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 IGBT Module; Continuous Collector Current, Ic:75A; Collector Emitter Saturation Voltage, Vce(sat):3V; Collector Emitter Voltage, Vceo:1200V; Leaded Process Compatible:Yes; Package/Case:D61; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes CPU Supervisor with 16K EEPROM
|
Intersil, Corp. http:// Intersil Corporation
|
2SC945 |
Collector current up to 150mA High hFE linearity Collector to base voltage VCBO 60 V
|
TY Semiconductor Co., L...
|
BSP60 BSP62 Q62702-P1166 Q62702-P1168 BSP60BSP62 B |
From old datasheet system PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon
|
2SA954 |
Audio frequency amplifier. Collector-base voltage: Vcbo = -80V. Collector-emitter voltage: Vceo = -80V. Emitter-base voltage Vebo = -5V. Collector dissipation: Pc(max) = 600mW.
|
USHA India LTD
|
2SD1046 D1046 |
Search --To 2SD1046 For LF Power Amp/50W Output/ Large Power Switching
|
Sanyo Semicon Device
|
PPS10 PPS10-3900 PPS10-7800 |
DC power shelf systems provide large power system
|
Power-One
|