PART |
Description |
Maker |
ISL9N303AS3ST ISL9N303AS3 ISL9N303AP3 N303AS N303A |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 30A 40V 250A-Ifsm 0.55Vf 1A-IR D2PAK 800/REEL-13 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Logic Level UltraFET Trench MOSFETs 30V / 75A / 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V 75A 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
ISL9N304AP3 ISL9N304AS3ST ISL9N304AS3STL86Z |
75 A, 30 V, 0.0045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 4.5m?/a> N-Channel Logic Level UltraFET Trench MOSFETs 30V/ 75A/ 4.5m N-CHANNEL LOGIC LEVEL ULTRAFET TRENCH MOSFETS 30V, 75A, 4.5Mз N-Channel Logic Level UltraFET R Trench MOSFETs 30V, 75A, 4.5mOhm
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
FDD5353 |
60V N-Channel Power Trench MOSFET; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 11.5 A, 60 V, 0.0123 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 N-Channel Power Trench㈢ MOSFET 60V, 50A, 12.3mヘ N-Channel Power Trench? MOSFET 60V, 50A, 12.3mΩ
|
Fairchild Semiconductor, Corp.
|
FDD6632 |
N-Channel Logic Level UltraFET Trench Power MOSFET 30V, 9A, 90mз 4 A, 30 V, 0.09 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 N-Channel Logic Level UltraFET Trench Power MOSFET 30V/ 9A/ 90m N-Channel Logic Level UltraFET Trench Power MOSFET 30V, 9A, 90mOhm
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ISL9N308AD3 ISL9N308AD3ST ISL9N308AD3STNL |
N-Channel Logic Level UltraFET R Trench Power MOSFETs 30V, 50A, 8mOhm N-Channel Logic Level UltraFET Trench Power MOSFETs 30V, 50A, 8mз 50 A, 30 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA N-Channel Logic Level UltraFET Trench Power MOSFETs 30V, 50A, 8mз 50 A, 30 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
2N7002PV |
60 V, 350 mA N-channel Trench MOSFET 60 V, 350 mA dual N-channel Trench MOSFET
|
NXP Semiconductors
|
PMV65XPE-15 |
20 V, P-channel Trench MOSFET
|
NXP Semiconductors
|
BSN20BK-15 |
60 V, N-channel Trench MOSFET
|
NXP Semiconductors
|
PMV75UP-15 |
20 V, P-channel Trench MOSFET
|
NXP Semiconductors
|
PMV48XP TO-236AB |
20 V, 3.5 A P-channel Trench MOSFET 20 v, 3.5A P-channel Trench MOSFET
|
NXP Semiconductors
|
PMV16UN |
N-channel Trench MOSFET
|
NXP Semiconductors
|
|