PART |
Description |
Maker |
B1012RW B1000RW B1017RW B1011RW B1001RW B1021RW B1 |
Compact 1 x 2 Inch 10W Wide Input Range DC/DC Converters
|
MicroPower Direct, LLC
|
MKW1048 MKW1000 MKW1021 MKW1022 MKW1023 MKW1024 MK |
10W, Wide Input Range, Single & Dual Output DC/DC Converters
|
Minmax Technology Co., ... MINMAX[Minmax Technology Co., Ltd.]
|
MIW5049 MIW5000 MIW5021 MIW5022 MIW5023 MIW5024 MI |
10W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
|
MINMAX[Minmax Technology Co., Ltd.]
|
P6LU-243R3ZH40 P6LU P6LU-0505ZH40 P6LU-0512ZH40 P6 |
Input voltage:24V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-15V ( /-34mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-3.3V ( /-150mA), 4KV isolated 1W unregulated dual output 4KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7 4kV的隔1W的未稳压双输出SIP7
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
MHI600ARWI8 MHI624S-12ARWI8 MHI624S-05ARWI8 MHI624 |
Wide Input, 6W DIP Ultra-High Isolation DC/DC Converters
|
MicroPower Direct, LLC
|
BUT33 |
RP20 (F) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 48V; Output Voltage (Vdc): 3.3V; 2:1 Wide Input Voltage Range; 20 Watts POWERLINE: RP20-S_DEW - 4:1 Wide Input Voltage Range- 20 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- Ul 1950 Component Recognised- Standard 50.8 x40.6x10.2mm Package- Efficiency to 84% 56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
|
Motorola Inc Motorola, Inc. ONSEMI[ON Semiconductor]
|
BD5426MUV |
10 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC48 10W 10W Class-D Speaker Amplifier for Analog Input
|
Rohm
|
TDA7497 |
10W 10W 10W/15W TRIPLE AMPLIFIER 10 10W STEREO AMPLIFIER WITH MUTE/ST-BY
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
NDS02ZG-M6 NDS03ZA NDS03ZA-M6 NDS03ZB-M6 NDS03ZE-M |
NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs NDS系列功率0W / 3.0A的直直流转换6 - 75V的输入为1.5V,在1.8V.5V.3V.0V输出 NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V / 1.8V / 2.5V / 3.3V and 5.0V Outputs NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
|
http:// POWER-ONE[Power-One]
|
BU426 BU426A |
POWERLINE: RP20-S_D_TE - 2:1 Wide Input Voltage Range- 20 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous NPN SILICON POWER TRANSISTORS
|
Power Innovations International, Inc. POINN[Power Innovations Ltd]
|