PART |
Description |
Maker |
MC145415 |
Dual Tunable Linear Phase Low Pass Sampled Data Filters
|
Motorola Semiconductor
|
MAX270 MAX270CPP MAX270CWP MAX270EPP |
Digitally-Programmed / Dual 2nd-Order Continuous Lowpass Filters
|
Maxim
|
7M3-221 7M3-222 7M3-223 7M3-224 7M2-102 7M2-103 7M |
7 mm Tunable Inductors RF inductor, tunable, not RoHS SHIELDED, 0.169 uH - 0.191 uH, VARIABLE INDUCTOR RF inductor, tunable, not RoHS SHIELDED, 19 uH - 25 uH, VARIABLE INDUCTOR RF inductor, tunable, not RoHS SHIELDED, 2.4 uH - 3 uH, VARIABLE INDUCTOR RF inductor, tunable, not RoHS SHIELDED, 75 uH - 125 uH, VARIABLE INDUCTOR RF inductor, tunable, not RoHS SHIELDED, 0.738 uH - 0.902 uH, VARIABLE INDUCTOR
|
Coilcraft lnc. Coilcraft, Inc. COILCRAFT INC
|
AD8370ARE AD8370-EVAL AD8370 AD8370ARE-REEL7 |
750MHz Digitally Controlled Variable Gain Amplifier LF to 750 MHz Digitally Controlled VGA
|
AD[Analog Devices]
|
TL5000VCJ |
LambdaFLEX iTLA Integrable Tunable Laser Assembly with variable output power LambdaFLEXiTLA Integrable Tunable Laser Assembly with variable output power LambdaFLEX⑩ iTLA Integrable Tunable Laser Assembly with variable output power
|
Bookham, Inc.
|
FTCV-XX |
EMC Filters - Single-Phase Filters - FTCV Chasis Panel
|
Premo
|
ELKEA470FA ELKEV112FC ELKEV150FF ELKEV161FF ELKEV3 |
Coil type EMI Filters (Digital Noise Filters)
|
Panasonic Semiconductor
|
FLLE2016AAS01 FLLE2006AAS01 FLLE2020AAI04 FLLE2010 |
Chassis Mount Filters - Motor Drive Filters
|
Kemet Corporation
|
FLLD4036AAB03 FLLD3036AAB01 FLLD3025AAB01 FLLD3063 |
Chassis Mount Filters - Motor Drive Filters
|
Kemet Corporation
|
B84773A0006A000 B84773M0006A000 B84773A0001A000 B8 |
2-line filters IEC inlet filters
|
EPCOS
|
150-01J08 146-06J08 150-03J08 150-01J08S 150-06J08 |
NOT RoHS. RF inductor, tunable, Carbonyl J core, shielded (add L" for compliant version)" NOT RoHS. RF inductor, tunable, Carbonyl J core (add 'L for compliant version)" UNSHIELDED, 0.082 uH - 0.114 uH, VARIABLE INDUCTOR NOT RoHS. RF inductor, tunable, Carbonyl J core (add 'L for compliant version)" UNSHIELDED, 0.188 uH - 0.292 uH, VARIABLE INDUCTOR Inductor: RF: Unshielded: 0.049u: 50M: 88: Carbonyl Iron: Radial
|
COILCRAFT INC Coilcraft, Inc.
|
144-04J12L 144-04J12SL 142-07J08L 142-07J08SL 144- |
10 mm Tunable Coils
|
Coilcraft lnc.
|