PART |
Description |
Maker |
U1FWJ44M |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE HIGH SPEED RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
SS100 SS14 SS13 SS12 SS16 S100 |
Surfase mount schottky barrier rectifier. Max recurrent peak reverse voltage 100 V. Max average forward current 1.0 A. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
PanJit International Inc. PanJit Semiconductors Pan Jit International Inc.
|
SR15100 SR15150 SR1560 |
SCHOTTKY BARRIER RECTIFLER SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
|
Gaomi Xinghe Electronics Co., Ltd. Chendahang Electronics Co., Ltd Gaomi Xinghe Electronic...
|
U10FWJ2C48M |
SCHOTTKY BARRIER RECTIFIER STACK LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODE SWITCHING MODE POWER SUPPLY, CONVERTER & CHOPPER APPLICATION
|
TOSHIBA
|
SB1003EJ |
Small Signal Schottky Barrier Diodes SCHOTTKY BARRIER DIODE 30V, 1A RECTIFIER
|
SANYO[Sanyo Semicon Device]
|
CZSH5-40 |
SMD Schottky Rectifier Single SURFACE MOUNT SILICON SCHOTTKY BARRIER RECTIFIER 5.0 AMP, 40 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
B120B10 B1XX-13-F B1XXB-13-F B150-13-F B140-13-F B |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER RECTIFIER SCHOTTKY SINGLE 1A 50V 30A-Ifsm 0.7Vf 0.5A-IR SMA 5K/REEL 1 A, 50 V, SILICON, SIGNAL DIODE
|
Diodes Incorporated http:// Diodes, Inc.
|
MBR130 MBR130T1 MBR130T3 MBR130T1-D |
Surface Mount Schottky Power Rectifier SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 30 VOLTS
|
ONSEMI[ON Semiconductor]
|
MBRD660CTT4G MBRD640CTT4 MBRD640CTT4G MBRD620CT MB |
Rectifier 6A 50V Schottky 6A 30V Schottky Rectifier Rectifier 6A 20V Schottky 6A 60V Schottky Rectifier SWITCHMODE Power Rectifiers 6A 40V Schottky Rectifier
|
ONSEMI[ON Semiconductor]
|
SS14-T1 SS14-T3 SS13-T1 SS13-T3 SS12 SS19-T3 S100- |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER CONTACTOR 600VAC 18AMP IEC OPTIONS (SS12 - SS19) 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER USB Type A - Horizontal Female PC Tail, selective gold tin
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|