PART |
Description |
Maker |
BL9195 |
300mA 3-Pin, Ultra Fast, Ultra Low Dropout
|
SHANGHAI BELLING CO., LTD.
|
NCV5662 NCV5662DS15R4G NCV5662DSADJR4G NCP5662_07 |
Low Output Voltage, Ultra−Fast 2.0 A Low Dropout Linear Regulator with Enable
|
ONSEMI[ON Semiconductor]
|
LR2126L-AD-AB5-R LR2126G-AD-AB5-R |
1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
|
Unisonic Technologies
|
LR1108-XX-AF5-R LR1108-XX-AB3-C-R LR1108-XX-AB3-A- |
1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR 1A条快速超低差线性稳压器
|
??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司
|
SPX1581 SPX1581T SPX1581T-2.5 SPX1581T-2.8 SPX1581 |
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed 5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed 5A条超低压降稳压器快速响应,可调
|
SIPEX[Sipex Corporation] Rohm Co., Ltd.
|
AME8830AEEV285Z AME8830 AME8830AEEV285Y |
Ultra Low Dropout, Fast Turn On 150mA CMOS Regulator
|
AKM[Asahi Kasei Microsystems]
|
AS1581 AS1581T AS1581U-X AS1581T-X AS1581U |
5A ULTRA LOW DROPOUT VOLTAGE REGULATOR FAST RESPONSE, ADJUSTABLE & FIXED
|
AOSMD[Alpha & Omega Semiconductors]
|
LT1585-1.5 LT1585A-1.5 LT1585CT-1.5 LT1585ACM-1.5 |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators
|
Linear Technology Corporation LINER[Linear Technology]
|
TPS78633KT |
Ultra-low Noise, High Psrr, Fast RF, High-Enable, 1.5A Low Dropout Regulator
|
TI
|
AS1580U-3.3V AS1580T-3.3V AS1580U-2.5V AS1580T-2.5 |
Analog IC 7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed(7A超低压差稳压器(快速响应,可调和固定输出))
|
Sipex Corporation
|
UEP2A222MDD UEP2A221MED.PD UEP2A221MHD UEP2A332MED |
5 V / 150 mA LDO w/ Reset, Delay, Adjustable Reset and Early Warning USB Positive Overvoltage Protection Controller Overvoltage Protection Device 200 mA, Ultra-Low Noise, High PSSR, BiCMOS RF LDO Regulator Wide Bandwidth, 4-Channel 2:1 Video Switch Dual Output, High Accuracy, Low Dropout Regulator 1.5A Ultra-low Voltage Fast Transient Response Low Dropout Regulator 铝电解电容器 ALUMINUM ELECTROLYTIC CAPACITORS 铝电解电容器 ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, NON-POLARIZED, 25 V, 1000 uF, THROUGH HOLE MOUNT 80 mA CMOS Low Iq, Low-Dropout Voltage Regulator 铝电解电容器 Post Driver Regulator 铝电解电容器 150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable 铝电解电容器 500mA CMOS LDO 铝电解电容器 100 mA, 5.0V, LDO w/ Reset, Delay, and Early Warning 铝电解电容器 3.4 A, Step-Up/Step-Down/Inverting Switching Regulator (50-300 kHz) (ext temp - Auto) 铝电解电容器
|
Nichicon Corporation Nichicon, Corp. Microchip Technology, Inc.
|