PART |
Description |
Maker |
HRP45N06K |
60V N-Channel Trench MOSFET
|
SemiHow Co.,Ltd.
|
FDD5810 FDD581007 FDD5810-F085 |
N-Channel Logic Level Trench MOSFET 60V, 36A, 27mOhm N-Channel Logic Level Trench㈢ MOSFET N-Channel Logic Level Trench? MOSFET
|
Fairchild Semiconductor
|
FDD3672 FDD3672NL |
N-Channel UltraFET Trench MOSFET 100V/ 44A/ 28m N-Channel UltraFET Trench MOSFET 100V, 44A, 28mз Discrete Commercial N-Channel UltraFET Trench MOSFET, 100V, 44A, 0.028 Ohms @ VGS = 10V, TO-252/DPAK Package N-Channel UltraFET Trench MOSFET 100V, 44A, 28mOhm
|
FAIRCHILD[Fairchild Semiconductor]
|
BSP75G BSP75G2 |
Ultra Low Capacitance Transient Voltage Suppressor Diodes 60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET?/a> MOSFET 60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET MOSFET 60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET⑩ MOSFET 60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET??MOSFET IntelliFET 60V self protected MOSFET
|
List of Unclassifed Manufacturers ETC N.A. Zetex Semiconductors
|
STS4DNF60L 6121 STS4DNF60 |
N-Channel 60V-0.045Ω-4A SO-8 STripFET Power MOSFET(N沟道功率MOSFET) N沟道60V的,0.045Ω- 4A条的SO - 8 STripFET功率MOSFET(不适用沟道功率MOSFET的) N - CHANNEL 60V - 0.045 - 4A SO-8 STripFET TM POWER MOSFET N-CHANNEL POWER MOSFET From old datasheet system N - CHANNEL 60V - 0.045ohm - 4A SO-8 STripFET POWER MOSFET
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FDP13AN06A FDP13AN06A0 FDB13AN06A0 FDB13AN06A0NL |
N-Channel PowerTrench MOSFET 60V, 62A, 13.5mohm N-Channel PowerTrench MOSFET 60V/ 62A/ 13.5m N-Channel PowerTrench MOSFET, 60V, 62A, 0.0135 Ohms 62 A, 60 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB N-Channel PowerTrench MOSFET 60V, 62A, 13.5mз 62 A, 60 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FQD20N06LE FQU20N06LE FQD20N06LETM |
60V N-Channel Logic level QFET (Built in ESD Protection Diode) 60V LOGIC N-Channel MOSFET 17.2 A, 60 V, 0.075 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
FQD30N06 FQU30N06 FQD20N06 FQU20N06 FQD30N06TF |
60V N-Channel QFET 60V N-Channel MOSFET 22.7 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
FQB50N06L FQI50N06L FQB50N06 FQI50N06 FQI50N06LTU |
60V LOGIC N-Channel MOSFET 52.4 A, 60 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA 60V N-Channel Logic level QFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQP17P06 FQP17P06J69Z |
17 A, 60 V, 0.12 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220 60V P-Channel MOSFET 60V N-Channel MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
STN3NE06 4877 |
N-Channel 60V-0.08Ω-3A - SOT-223 STripFETTM Power MOSFET(N沟道功率MOSFE N - CHANNEL 60V - 0.08ohm- 3A - SOT-223 STripFET POWER MOSFET N - CHANNEL 60V - 0.08W - 3A - SOT-223 STripFET] POWER MOSFET From old datasheet system
|
意法半导 STMicroelectronics
|