PART |
Description |
Maker |
2SK2887 |
Low on-resistance. Fast switching speed Wide SOA (safe operating area) Easy to parallel.
|
TY Semiconductor Co., Ltd
|
2SK2504 |
Low on-resistance. Fast switching speed. Wide SOA (safe operating area). Easy to parallel.
|
TY Semiconductor Co., Ltd
|
BDY20 |
Excellent Safe Operating Area
|
Inchange Semiconductor ...
|
LZ2315A LZ2316AR |
Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 270 k Pixels
|
Sharp Electrionic Compo... SHARP[Sharp Electrionic Components] Sharp Corporation
|
LZ2416J |
Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 270 k Pixels
|
SHARP[Sharp Electrionic Components]
|
PCS3P73Z01BW PCS3P73Z01BWG-08-CR PCS3P73Z01BWG-08- |
Wide Frequency range Timing-Safe Peak EMI reduction IC Wide Frequency range Timing-Safe?/a> Peak EMI reduction IC
|
PulseCore Semiconductor http://
|
PCS3P73Z01AW |
Wide Frequency range Timing-Safe Peak EMI reduction IC
|
ON Semiconductor
|
1302430027 |
Haztex Wide Area LED Work Light, 4 x 20W, Plug 14/3 SOOW 7.62m
|
Molex Electronics Ltd.
|
TLE4305 |
Voltage-Current Regulator Wide supply voltage operation range
|
Infineon Technologies
|
ICE3AS02G ICE3AS02 ICE3BS02 Q67040-S4637-A101 Q670 |
Pulse Wide Modulation (PWM) control IC for fixed frequent (FF) operation mode OFF-LINE SMPS CURRENT MODE CONTROLLER WITH INTEGRATED 500V STARTUP CELL
|
INFINEON[Infineon Technologies AG]
|
VF59415046.72M VF594SL15046.72M VF594L15046.72M VF |
Wide Frequency Range, Very Low Phase Jitter, Wide Pullability, Standard Footprint, Wide Operating Temperature, EMI Shielded 频率范围宽,非常低相位抖动,宽Pullability,标准足迹,宽工作温度,电磁屏蔽
|
ECM Electronics List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
1N751A-1 1N758C 1N758C-1 1N758CTR 1N758CTR-1 1N758 |
Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) SPI/MICROWIRE-Compatible UART in QSOP-16 00 mW齐纳二极 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 250μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers 00 mW齐纳二极 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 3.9 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 3.9 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 3.9 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 3.3 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single SVS With Pgmmable UV Threshold & Reset Time Delay 8-PDIP -40 to 85 Single SVS With Pgmmable UV Threshold & Reset Time Delay 8-SOIC 0 to 70 Single SVS With Pgmmable UV Threshold & Reset Time Delay 8-SOIC -40 to 85 Single SVS With Pgmmable UV Threshold & Reset Time Delay 8-PDIP 0 to 70 ±15kV ESD-Protected USB Transceivers Silicon 500 mW Zener Diodes Zener Voltage Regulator Diode Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 3.6 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 3.9 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 2.4 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH SILICON 400 mW ZENER DIODES
|
MICROSEMI CORP-SCOTTSDALE http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
|