PART |
Description |
Maker |
16008B |
16008B Resistivity Cell
|
Agilent (Hewlett-Packard)
|
SMX-6S |
Miniature SMD Crystal High shock and vibrational resistivity
|
QUARTZCOM the communications company
|
BD99950MUV |
2 Cell / 3 Cell Narrow VDC Charger with SMBus Interface
|
ROHM
|
ISL9220 ISL922010 ISL9220AIRTZ-T ISL9220AEVAL1Z IS |
Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
|
Intersil Corporation
|
ILC6383 ILC6383CIR33X ILC6383CIR50X ILC6383CIRADJX |
1-Cell to 3-Cell DC/DC Boost Converter with True Load Disconnect 1-Cell to 3-Cell Boost DC-DC Converter with True Load Disconnect, 3.3V, 5V or Adjustable Output
|
FAIRCHILD[Fairchild Semiconductor]
|
LC4256 LC4384V75T176C LC4512 LC4128 LC4064 LC4032 |
IC,COMPLEX-EEPLD,256-CELL,3.8NS PROP DELAY,QFP,100PIN,PLASTIC IC,COMPLEX-EEPLD,384-CELL,10NS PROP DELAY,QFP,176PIN,PLASTIC IC,COMPLEX-EEPLD,512-CELL,4.5NS PROP DELAY,QFP,176PIN,PLASTIC System Programmable Super Fast High Density PLDs IC,COMPLEX-EEPLD,64-CELL,3.2NS PROP DELAY,QFP,100PIN,PLASTIC IC,COMPLEX-EEPLD,32-CELL,3.2NS PROP DELAY,TQFP,48PIN,PLASTIC
|
Lattice Semiconductor Corp
|
MAX1678 MAX1678EUA |
1-Cell to 2-Cell / Low-Noise / High-Efficiency / Step-Up DC-DC Converter 1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
BD45XXXG BD46462G BD45425 BD45XX1G BD45XX5G BD4541 |
VOLTAGE DETECTOR IC Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):800mA; Gate Trigger Current (QI), Igt:10mA; Package/Case:3-TO-92; Current, It av:0.8A; Holding Current:15mA Voltage detectors Hook & Loop Cable Fastener; Roll Length:18yard; Color:Black; Body Material:Polypropylene hook/nylon loop; External Width:0.375" RoHS Compliant: Yes 电压检测器IC VOLTAGE DETECTOR IC 电压检测器IC CONN MINI D PLUG 50POS R/A GOLD 电压检测器IC D-Subminiature Connector; Gender:Female; No. of Contacts:26; Contact Termination:IDC; D Sub Shell Size:DB26; Body Material:Steel; Contact Plating:Nickel; Mounting Type:PC Board; Pitch Spacing:0.05" RoHS Compliant: Yes 电压检测器IC Hook & Loop Cable Fastener; Roll Length:18yard; Color:Yellow; Body Material:Polypropylene hook/nylon loop; Boxed:Yes; External Width:0.5" RoHS Compliant: Yes 电压检测器IC 3M FULLY INSULATED NYLON FEMALE TERMINAL, WIRE SIZE: 22-18 AWG, STUD SIZE: 3/16 , FEATURES: PROVIDES A VARIETY OF UNIQUE DESIGN FEATURES WHICH ASSURE CONSISTENTLY EFFECTIVE AND RELIABLE PERFORMANCE, AND EASY INSTALLATION, QUANTITY: 5 电压检测器IC SPLICE TERMINAL INSULATED INLINE 22-18AWG 50PK 电压检测器IC 180 OHM,5%,1/4/W,1210 3M FULLY INSULATED NYLON FEMALE TERMINAL, WIRE SIZE: 16-14 AWG, STUD SIZE: 1/4 , FEATURES: PROVIDES A VARIETY OF UNIQUE DESIGN FEATURES WHICH ASSURE CONSISTENTLY EFFECTIVE AND RELIABLE PERFORMANCE, AND EASY INSTALLATION, QUANTITY: 50 3M VINYL INSULATED FEMALE TERMINAL, WIRE SIZE: 16-14 AWG, STUD SIZE: 1/4 , FEATURES: PROVIDES A VARIETY OF UNIQUE DESIGN FEATURES WHICH ASSURE CONSISTENTLY EFFECTIVE AND RELIABLE PERFORMANCE, AND EASY INSTALLATION, QUANTITY: 50 PER B Correct MPN is 100-016-001 which is obsolete. RoHS replacement is 100-016-051 CON 10120-52B2VC 3M 1 HOLDER, NO.1, 6X25MM; Diameter, external:25mm; Impact rate, max:6BPM; Length:6mm RoHS Compliant: NA BAG, SHIELDED, 300X400MM, PK100; Length / Height, external:400mm; Resistivity, surface inner:100ohm/sq; Resistivity, surface outer:1000000Mohm/sq; Standard:MIL-PRF-81705 Type III, EIA 541, EIA 625, MILHDBK-263, MIL-STD-1686, and RoHS Compliant: Yes BAG, SHIELDED, 250X350MM, PK100; Length / Height, external:350mm; Resistivity, surface inner:100ohm/sq; Resistivity, surface outer:1000000Mohm/sq; Standard:MIL-PRF-81705 Type III, EIA 541, EIA 625, MILHDBK-263, MIL-STD-1686, and RoHS Compliant: Yes BAG, SHIELDED, 250X300MM, PK100; Length / Height, external:300mm; Resistivity, surface inner:100ohm/sq; Resistivity, surface outer:1000000Mohm/sq; Standard:MIL-PRF-81705 Type III, EIA 541, EIA 625, MILHDBK-263, MIL-STD-1686, and RoHS Compliant: Yes BAG, SHIELDED, 400X450MM, PK100; Length / Height, external:450mm; Resistivity, surface inner:100ohm/sq; Resistivity, surface outer:1000000Mohm/sq; Standard:MIL-PRF-81705 Type III, EIA 541, EIA 625, MILHDBK-263, MIL-STD-1686, and RoHS Compliant: Yes shield is positioned between two layers of plastic; Length/Height, External:450mm RoHS Compliant: Yes shield is positioned between two layers of plastic; Length/Height, External:100mm RoHS Compliant: Yes 26-D SMT CON 10226-2210VE MDR26 (BD45xxxG / BD46xxxG) VOLTAGE DETECTOR IC
|
Rohm Co., Ltd. Rohm CO.,LTD.
|
MP26101NR MP26101DR-LF-Z |
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger 2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
|
Monolithic Power Systems MPS Industries, Inc.
|
RC10S10G RC10S01G RC10S04G RC10S06G RC10S08G RC10S |
SILICON GPP CELL RECTIFIER VOLTAGE: 100 TO 1000V CURRENT: 10A SILICON GPP CELL RECTIFIER 硅玻璃钝化整流细
|
SSE[Shanghai Sunrise Electronics] Shanghai Sunrise Electronics Co., LTD.
|
EPM3128ATC100-10 EPM3256ATC144-10 EPM3032 EPM3256- |
IC,COMPLEX-EEPLD,128-CELL,10NS PROP DELAY,TQFP,100PIN,PLASTIC IC,COMPLEX-EEPLD,256-CELL,10NS PROP DELAY,QFP,144PIN,PLASTIC IC,COMPLEX-EEPLD,32-CELL,10NS PROP DELAY,LDCC,44PIN,PLASTIC IC,COMPLEX-EEPLD,256-CELL,7.5NS PROP DELAY,QFP,144PIN,PLASTIC
|
Altera Corp
|
|