PART |
Description |
Maker |
LTC3025 LTC3025-1 LTC3025-11 LTC3025-2 LTC3025-3 L |
500mA Micropower VLDO Linear Regulators Fast Transient Recovery 300mA Micropower VLDO Linear Regulator; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.4 V-3.6 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 300mA Micropower VLDO Linear Regulator; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 1.5 V FIXED POSITIVE LDO REGULATOR, 0.185 V DROPOUT, PDSO6
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
UM36550S |
300mA, Micropower, VLDO Linear Regulator
|
Union Semiconductor, In...
|
LT3080 LT3080-1 LTC3025 LT1963A LT302911 LT3020 LT |
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
|
Linear Technology
|
UM37512S UM37512S-15 UM37514P UM37515S UM37516P |
300mA, Micropower, VLDO Linear Regulator
|
Union Semiconductor, In...
|
1844F LTC1844ES5-3.3TRPBF LTC1844ES5-3.3PBF LTC184 |
150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 1.8 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 3.3 V FIXED POSITIVE LDO REGULATOR, 0.15 V DROPOUT, PDSO5 From old datasheet system
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LTC3026EMSEPBF LTC3026EMSETR |
1.5A Low Input Voltage VLDO Linear Regulator
|
http:// Linear Technology
|
LTC3035NBSP LTC3035 LTC3035EDDB |
300mA VLDO Linear Regulator with Charge Pump Bias Generator
|
LINEAR TECHNOLOGY
|
LTC3026 LTC3026EDD LTC3026EMSE |
1.5A Low Input Voltage VLDO Linear Regulator 0.4 V-2.6 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO10
|
http:// Linear Technology Corporation Linear Technology, Corp.
|
AAT3239 |
500mA MicroPower LDO
|
Analogic Tech
|
CM3001-13MA CM3001 |
Micropower 500mA Low Voltage CMOS Regulator
|
CALMIRCO[California Micro Devices Corp]
|
SS6531 |
500mA Dual Linear Regulator
|
Silicon Standard
|
TP4057 |
500mA Linear Li-Ion Battery Charger
|
NanJing Top Power
|