PART |
Description |
Maker |
RAD-ISM-900-ANT-OMNI-0-N |
This item is no longer available. Should you have any questions, please contact our Sales Team.
|
PHOENIX CONTACT
|
S1D-T3 S1D-T1 S1G-T3 S1A S1M-T3 S1A-T1 S1A-T3 S1B- |
MLT Series Linear Position Transducer, 25,4 mm [1.0 in] Electrical Travel, 1.0 % Linearity, Item Number F38000101 安培表面贴装玻璃钝化整流 MLT Series Linear Position Transducer, 25,4 mm [1.0 in] Electrical Travel, 0.25 % Linearity, Item Number F38000201 安培表面贴装玻璃钝化整流 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
|
Honeywell International, Inc. Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
CRIMPFOX-ZA-6-3 |
Discontinued item
|
PHOENIX CONTACT
|
2203137 |
Item is from the HCS product range
|
PHOENIX CONTACT
|
NH130 |
Item NH130, Neo-Hold Bi-Pole Magnets
|
List of Unclassifed Man...
|
W88HPX-34 |
Item 88HPX-34-24VDC, 88HP Series - Hermetically Sealed Plug-in Special Purpose Relays
|
List of Unclassifed Man...
|
EC100BS6HC |
Eclipse Series Stainless Steel Pressure Sensor, Amplified Output, Sealed Gage, 0 bar to 100 bar, Item Number 9251805
|
Honeywell
|
ISO212JP ISO212P |
ISO212P - DISCONTINUED PRODUCT. No longer recommended for new design. ISO212P -已停产产品。不再推荐用于新设计 IC-ISOLATION AMPLIFIER 集成电路隔离放大 ISO212P-DISCONTINUEDPRODUCT.Nolongerrecommendedfornewdesign.
IC-ISOLATIONAMPLIFIER
|
Thomas
|
XQ1701L-SERIES XQR1701L-SERIES XQ1701LCC44M XQR170 |
Cascadable for storing longer or multiple bitstreams QPro configuration PROM. Radiation-hardened. QPro configuration PROM. SMD number 5962-9951401NXB. QPro configuration PROM. SMD number 5962-9951401QYA QPro Series Configuration PROMs (XQ) including Radiation-Hardened Series (XQR) 1M X 1 CONFIGURATION MEMORY, PDSO20 1M X 1 CONFIGURATION MEMORY, CQCC44
|
Xilinx, Inc. XILINX INC
|
1812LS-223XKLC 1812LS-473XKLB 1812LS-153XKLC |
OBSOLETE when inventory is depleted. 10% tolerance no longer offered. Change 'K' to 'J' for 5% tolerance. 1 ELEMENT, 22 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD OBSOLETE when inventory is depleted. Change second to last letter to 'L' for new RoHS part number. Terminals never contained lead. 1 ELEMENT, 47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1812LS Series Ferrite Chip Inductors 1 ELEMENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc.
|
CAT1026UE-30TE13 CAT1026UE-42TE13 CAT1027PE-42TE13 |
AC Solid State Switch using optical coupling AC Solid State Switch utilizing dual power SCR outputs SWITCH PRESSURE N.C. 10PSI GAS SURGE ARRESTOR SWITCH PRESSURE N.C. 4PSI XTAL CER SMT 11X5 4PAD OSC 3.3V SMT 14X9 CMOS SWITCH PRESSURE D.C. 4PSI OSC 3.3V SMT 7X5 CMOS IGBT Modules up to 3300V Diodes; Package: A-IHM130-1; IF (typ): 800.0 A; Configuration: Diode Modules; Technology: IGBT2 Standard; Housing: IHV 130 mm; Features: -; SCR / Diode Modules up to 1400V SCR / Diode Fast MLT Series Linear Position Transducer, 12,7 mm [0.5 in] Electrical Travel, 1.0 % Linearity, Item Number F38000100 Oscillator; Oscillator Type:SPXO; Frequency:80MHz; Frequency Tolerance: /- 50 ppm; Load Capacitance:15pF; Crystal Terminals:PCB Surface Mount; Supply Voltage:3.3V; Mounting Type:Surface Mount 350V, 120mA, 35 1-Form-B relay with an optocoupler Modular Connector; Features:Category 6 specifications COILTRONICS RoHS Compliant: Yes 350V, 120mA, 20, 1-Form-A relay with an optocoupler for telecom RELAY OPTO TELCOM 120MA 8 FLT PK RES,1206,5%,1/8W,330 OHM 350V, 120mA, 35 1-Form-A current limiting relay with an optocoupler for telecom 350V, 120mA, 35 1-Form-A relay with an optocoupler for telecom Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM 双电压监控电路,带有I2C串行K位CMOS EEPROM 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 2-CHANNEL POWER SUPPLY SUPPORT CKT, DSO8
|
Catalyst Semiconductor http:// BCD Semiconductor Manufacturing, Ltd. TE Connectivity, Ltd. ITT, Corp. Glenair, Inc. ON SEMICONDUCTOR
|
|