PART |
Description |
Maker |
PQ60120EGW07XYS PQ60150EGW05XYS PQ60015EGW20XYS PQ |
Input under-voltage lockout disables converter at low input voltage conditions
|
SynQor Worldwide Headqu...
|
SQ60060QPW55XYZ-G |
Input under-voltage lockout
|
SynQor Worldwide Headqu...
|
SLG59H1017V |
A 13.3 mΩ, 4 A, Integrated Power Switch with 12V/24V Input Lockout Select and Analog Current Monitor Output
|
Dialog Semiconductor
|
SLG59H1013V |
A 13.3 mΩ, 3.5 A, 125°C-Rated, Integrated Power Switch with 12V/24V Input Lockout Select and MOSFET Current Monitor Output
|
Dialog Semiconductor
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
TSC3824 TSC3827 TSC3828 TSC3829 TSC1220 TSC1222 TS |
Input voltage range:80-160V output voltage 220V (0.8A) DC/DC converter Input voltage range:93-138V/185-264V, 50/60Hz, output voltage 48V (15A) DC/DC converter Input voltage range:160-320V output voltage 220V (10A) DC/DC converter Input voltage range:160-320V output voltage 110V (4A) DC/DC converter Input voltage range:80-160V output voltage 220V (1A) DC/DC converter Input voltage range:36-75V output voltage 5V (30A) DC/DC converter Input voltage range:36-75V output voltage 12V (15A) DC/DC converter Input voltage range:36-75V output voltage 220V (0.8A) DC/DC converter Input voltage range:36-75V output voltage 110V (1.5A) DC/DC converter Input voltage range:36-75V output voltage 24V (7.5A) DC/DC converter Input voltage range:36-75V output voltage 48V (3.6A) DC/DC converter Input voltage range:160-320V output voltage 24V (100A) DC/DC converter Input voltage range:160-320V output voltage 48V (45A) DC/DC converter Input voltage range:93-138V/185-264V, 50/60Hz, output voltage 220V (10A) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
BSS38 |
RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 12V; 2:1 Wide Input Voltage Range; 10 Watts NPN SILICON TRANSISTOR
|
MICRO-ELECTRONICS[Micro Electronics]
|
BSP52 BSP50 BSP51 |
NPN Silicon Darlington Transistors RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 3.3V; 2:1 Wide Input Voltage Range; 10 Watts
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
STM6600DQ25DM6F STM6601CM2DDM6F STM6601BM2DDM6F |
Smart push-button on/off controller with smart reset and power-on lockout Smart push-button on/off controller with Smart ResetTM and power-on lockout
|
ST Microelectronics
|
BSS84 BSS84-NL |
?.13A, ?0V. RDS(ON) = 10Ω @ VGS = ? V RP10 (EW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 15V; 4:1 Wide Input Voltage Range; 10 Watts P-Channel Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor Corporation
|
BSS98 Q62702-S635 Q62702-S053 Q62702-S517 SIEMENSA |
RP10 (EW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 15V; 4:1 Wide Input Voltage Range; 10 Watts SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|