PART |
Description |
Maker |
ISL9000AIRPLZ ISL9000AIRPPZ ISL9000AIRCJZ ISL9000A |
Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 Dual LDO with Low Noise, Very High PSRR and Low IQ
|
Intersil, Corp. Intersil Corporation
|
ISL9011IRLLZ ISL9011IRLBZ ISL9011IRKNZ ISL9011IRKK |
Dual LDO with Low Noise, Low IQ, and High PSRR DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 Dual LDO with Low Noise, Low IQ, and High PSRR 双路LDO稳压器具有低噪音,低智商,及高PSRR CAC 7C 7#16S SKT PLUG Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Body Diameter:10mm; Capacitance:470uF RoHS Compliant: Yes
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
P6KE P6KE39 P6KE39A P6KE180CA P6KE20C P6KE20CA P6K |
Single Output LDO, 200mA, Fixed(1.9V), Low Quiescent Current, Low Noise, High PSRR 5-DSBGA -40 to 85 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 16-Bit Bus Transceivers with Bus-Hold and 3-State Outputs 48-TSSOP -40 to 85 16-Bit Buffers/Drivers with Bus-Hold and 3-State Outputs 48-SSOP -40 to 85 16-Bit Bus Transceivers and Registers with 3-State Outputs 56-SSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts 玻璃钝化结瞬态电压抑制电压为440伏特.8 Quadruple 2-Input Multiplexers with Storage 16-SSOP/QSOP -40 to 85 玻璃钝化结瞬态电压抑制电压为440伏特.8 Synchronous 4-Bit Binary Counter 16-SOIC -40 to 85 玻璃钝化结瞬态电压抑制电压为440伏特.8 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, High PSRR 5-DDPAK/TO-263 玻璃钝化结瞬态电压抑制电压为440伏特.8
|
SURGE[Surge Components] Surge Components, Inc.
|
LDO59 |
IP Library: Ultra Low Noise, High PSRR, Low Power, 20mA Low Dropout Voltage Regulator
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
ADR280AKS-REEL |
1.20 V Low Noise Low Power High PSRR Precision Voltage Reference
|
Analog Devices
|
EUP7917-30VIR1 EUP7917 EUP7917-12NIR1 EUP7917-12VI |
300mA, High PSRR Low-Noise LDO
|
Eutech Microelectronics Inc
|
MP20051 MP20051DN |
Low Noise, High PSRR, 1A Linear Regulator
|
Monolithic Power Systems
|
AP7340 |
150mA HIGH PSRR LOW NOISE LDO
|
Diodes
|
AS1374-BWLT-285 AS1374-BWLT1218 AS1374-BWLT1833 AS |
200mA, Ultra-Low-Noise, High-PSRR, Dual Low Dropout Regulators
|
ams AG austriamicrosystems AG
|
AS1359-BTTT-25 AS1359-BTTT-26 AS1359-BTTT-27 AS135 |
150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
|
austriamicrosystems AG
|