PART |
Description |
Maker |
FAN2110 FAN2110EMPX FAN2110MPX |
TinyBuckT - 10A, 24V Input, Integrated Synchronous Buck Regulator; Package: 25-MLP 5x6; Container: Tape & Reel TinyBuck垄芒, 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator TinyBuck? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
|
FAIRCHILD SEMICONDUCTOR CORP
|
MP92325 MP92325GJ |
24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
|
Monolithic Power System...
|
744042 MCP16322T-ADJE MCP16321T-ADJNG MCP16321T-AD |
24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication 24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
|
Microchip Technology
|
MP2312 MP2312GQ |
24V, 2.1A High Efficiency Synchronous Step-down Converter
|
Monolithic Power System...
|
PI6C39911-5J PI6C39911-2J PI6C39911 PI6C399111J |
Clock IC | 500ps Accuracy. 3.3V. LVTTL. 3.75 to 110 MHz RTS Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 15V; Output Voltage (Vdc): 24V; Power: 2W; Assembly; High Power Density; Optional Continuous Short Circuit Protected; Efficiency to 85% 3.3高速LVTTL或平衡输出可编程偏差时钟缓冲 SuperClock 3.3V High Speed LVTTL or Balanced Output Programmable Skew Clock Buffer - SuperClock
|
Pericom Semiconductor, Corp. Pericom Semiconductor Corp. PERICOM[Pericom Semiconductor Corporation] Pericom Technology
|
LTC1929CG LTC1929IG LTC1929 LTC1929-PG |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators 2-Phase, High Efficiency,Synchronous Step-DownSwitching Regulators
|
Linear Technology Corporation
|
LT1170 LT1170C LT1170CQ LT1170CT LT1170HV LT1170CK |
100kHz/ 5A/ 2.5A and 1.25A High Efficiency Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, MBFM4 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 11 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PZFM5 VOLT REG NEG 5V 100MA SMD TO-243
|
Linear Technology Corporation Linear Technology, Corp.
|
PHC025 |
High Efficiency Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器
|
Illinois Capacitor, Inc.
|
LTC1436AIGN-PLL LTC1436ACGN-PLL |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS High Efficiency Low Noise Synchronous Step-Down Switching Regulators
|
http:// Linear Technology Corporation
|
PCB-1208-1YG PCB-1208-102 |
DUAL COLOR LED, YELLOW/HIGH EFFICIENCY GREEN, 5 mm SINGLE COLOR LED, HIGH EFFICIENCY RED, 5 mm
|
LEDtronics, Inc. LEDTRONICS INC
|
LTC1539IGWTRPBF LTC1538-AUX-15 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2 A SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO36
|
Linear Technology, Corp.
|
PCB-1202-1YG PCB-1202-1RG-01 |
T-1 DUAL COLOR LED ARRAY, YELLOW/HIGH EFFICIENCY GREEN, 3 mm T-1 DUAL COLOR LED ARRAY, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN, 3 mm
|
LEDtronics, Inc.
|