PART |
Description |
Maker |
MBR20200CT |
20 Amp High Voltage 200Volts Barrier Rectifier Power Schottky
|
Micro Commercial Compon...
|
MBR20200CT MBR20200CT08 |
20 Amp High Voltage Power Schottky Barrier Rectifier 200Volts
|
Micro Commercial Components
|
2SC4634 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits High-Voltage Amp, High-Voltage Switching Applications
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device
|
LTC4440ES6-5 LTC4440-5 LTC4440EMS8E-5 LTC4440EMS8E |
High Speed, High Voltage High Side Gate Driver; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Speed, High Voltage, High Side Gate Driver High Speed, High Voltage High Side Gate Driver; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1.1 A BUF OR INV BASED MOSFET DRIVER, PDSO8
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
ISL6294IBZ ISL6294IBZ-T ISL6294 ISL629407 |
High Input Voltage Charger; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
Intersil Corporation
|
4N38SR2M ALL H11D1M/2M 4N38M |
High Voltage Phototransistor Optocouplers 6-pin DIP High Voltage Phototransistor Output Optocoupler; Package: SMDIP-W; No of Pins: 6; Container: Tape & Reel 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
|
Fairchild Semiconductor, Corp.
|
EHA1-2400A/883B EHA1-2400A-2 |
Voltage-Feedback Operational Amplifier Octal Voltage Level Shifter for TFT/LCD Panels; High Voltage TFT-LCD Logic Driver; Temperature Range: -40°C to 85°C; Package: 20-TSSOP 电压反馈运算放大
|
Everlight Electronics Co., Ltd.
|
ISL4314305 ISL43145IVZ ISL43143 ISL43143IR ISL4314 |
Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PQCC16
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
2SA1418 2SC3648 2SC3648T 2SA1418T 2SC3648S |
High-Voltage Switching/ Predriver Applications High-Voltage Switching Predriver Applications High-Voltage Switching, Predriver Applications TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 700MA I(C) | SOT-89 TRANSISTOR | BJT | PNP | 160V V(BR)CEO | 700MA I(C) | SOT-89 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 160V五(巴西)总裁| 700mA的一(c)|采用SOT - 89
|
SANYO[Sanyo Semicon Device]
|
2SC4631 |
High-Voltage Amp, High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4636 |
High-Voltage Amp, High-Voltage Switching Applications
|
Sanyo Semicon Device
|
JHV3480 JHV34 JHV3412 JHV3416 JHV3420 JHV3424 JHV3 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 46; IFSM (A): 800; Vrwm (V): 8000; IR (µA): 6000; 12 A, SILICON, RECTIFIER DIODE HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|