PART |
Description |
Maker |
SBF1040CT SBF1045CT SBF1065CT SBF1060CT |
10A High Power Schottky Barrier Rectifiers
|
Chip Integration Techno...
|
HJP10100CT |
10A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
|
SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
|
MBR1070CT1 MBR1010CT |
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
|
Diodes Incorporated
|
SB10150CT |
10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
|
WTE
|
SB100-05H |
50V/ 10A Rectifier Schottky Barrier Diode (Twin Type Cathode Common) 50V,10A Rectifier 50V, 10A Rectifier(用于高频整流应用的重复反向电50V,平均整流电0A 的整流器) 50V0A条整流器(用于高频整流应用的重复反向电压- 50V的平均整流电0A条的整流器)
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co., Ltd.
|
4707.2100 |
4707 POWER ENTRY MODUL 10A RoHS Compliant: Yes 10A,250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
SCHURTER AG
|
IS82C37A CS82C37A CS82C37A-12 CS82C37A-5 5962-9054 |
CMOS High Performance Programmable DMA Controller RECTIFIER BRIDGE 10A 100V BR-6 高性能的CMOS可编程DMA控制 CMOS High Performance Programmable DMA Controller 4 CHANNEL(S), 12.5 MHz, DMA CONTROLLER, CDIP40 CMOS High Performance Programmable DMA Controller 4 CHANNEL(S), 12.5 MHz, DMA CONTROLLER, UUC40 DIODE SCHOTTKY DUAL-DUAL COMMON-CATHODE 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-363 3K/REEL 4 CHANNEL(S), 12.5 MHz, DMA CONTROLLER, PDIP40 CMOS High Performance Programmable DMA Controller 高性能的CMOS可编程DMA控制 DIODE SCHOTTKY DUAL ISOLATED 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-363 3K/REEL DIODE SCHOTTKY DUAL SERIES 25V 150mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-523 3K/REEL Triple 3-input positive-NAND gates 14-PDIP 0 to 70 RECTIFIER BRIDGE 10A 800V BR-6 RECTIFIER BRIDGE 10A 1000V BR-6 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
S10C40 S10C40C S10C60D S10C30 S10C30A S10C30C S10C |
SCHOTTKY BARRIER RECTIFIERS(10A/30-60V) SCHOTTKY BARRIER RECTIFIERS(10A,30-60V) 肖特基(10A30 - 60V的)
|
MOSPEC[Mospec Semiconductor] Mospec Semiconductor, Corp.
|
SBD1045CT SBD1030CT SBD1035CT SBD1040CT |
SCHOTTKY BARRIER RECTIFIERS(10A,30-45V) 肖特基(10A30 - 45V的) SCHOTTKY BARRIER RECTIFIERS(10A/30-45V)
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
MBRB1090 MBRB10100 MBRF10100 MBR1090 MBRF1090 MBR1 |
High Voltage Schottky Rectifiers Reverse Voltage 90 to 100V Forward Current 10A
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
JW1AFSN-DC18V |
Compact Power Relay, 1 Form A, 10A 250VAC 10A 30VDC
|
PANASONIC CORP
|