PART |
Description |
Maker |
AM27C128 AM27C128-120 AM27C128-120DC AM27C128-120D |
112dB 192kHz 24-BIT SCH DAC 128 Kilobit (16 K x 8-Bit) CMOS EPROM Octal D-Type Flip-Flops With Clear 20-PDIP 0 to 70 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 90 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 120 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 55 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 90 ns, PDIP28 Quad 2-input exclusive-NOR gates with open collector outputs 14-SO 0 to 70 16K X 8 OTPROM, 120 ns, PDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 120 ns, PQCC32 112dB 192kHz 24-BIT SCH DAC 一一二分92kHz4位三星援 Quad /S-/R latches 16-SOIC 0 to 70 一一二分92kHz4位三星援 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 250 ns, CDIP28 Triple 3-input positive-NOR gates 14-SOIC 0 to 70
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
DC818A DC818A-15 |
SCH LTC2924CGN FOUR POWER RAILS POWER SUPPLY SEQUENCER
|
Linear Technology
|
DDR2-DRAM1024 DDR2-DRAM1024-EX DDR2-DRAM2048 DDR2- |
Intel Atom Z5xx 1.1GHz - 1.6GHz, US15W SCH
|
ADL Embedded Solutions
|
SOM-6760FL-S1A1E |
Intel? Atom SCH US15W COM-Micro CPU Module
|
Advantech Co., Ltd.
|
DC342A DC342A-15 |
SCH LTC1911 LOW NOISE CONSTANT FREQUENCY STEP DOWN CHARGE PUMP PCB
|
Linear Technology
|
BUL62A |
Regulated Output Power; 1.6kVDC Isolation; Over Current and Over Voltage Protection; Six-Sided Shield; No Derating to 63C; Standard 2 x 1 Package ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
BUL741 |
The device is manufactured using high voltage Multi-Epitaxial Planar technology for high switching s High voltage fast-switching NPN Power Transistor
|
ST Microelectronics, Inc. STMicroelectronics
|
BFN26 Q62702-F1065 BFN24 Q62702-F976 |
NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage) From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
BUXD87 BUXD87DPAK BUXD87IPAK BUXD87T BUXD87T4 |
HIGH VOLTAGE NPN POWER TRANSISTOR 高压NPN电源晶体 HIGH VOLTAGE SILICON POWER TRANSISTOR HIGH VOLTAGE SILICON POWER TRANSISTOR
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
2SA1776 2SA1727 2SA1812 A5800343 2SA18121 |
High-voltage Switching Transistor (Telephone power supply) High-voltage Switching Transistor (Telephone power supply) (-400V/ -0.5A) High-voltage Switching Transistor (Telephone power supply) (-400V, -0.5A) High-voltage Switching Transistor (Telephone power supply) (-400V -0.5A) From old datasheet system Transistors > Medium Power Bipolar Transistors(0.5W-1.0W) High-voltage Switching Transistor ( 400V, 0.5A)
|
ROHM[Rohm]
|