PART |
Description |
Maker |
CSB834 CSB834O CSB834Y |
30.000W Low Frequency PNP Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 60 - 200 hFE. Complementary CSD880 30.000W Low Frequency PNP Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 60 - 120 hFE. Complementary CSD880O 30.000W Low Frequency PNP Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 100 - 200 hFE. Complementary CSD880Y
|
Continental Device India Limited
|
IRFH7187PBF IRFH7187TRPBF |
Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
|
International Rectifier
|
IRFH7191PBF IRFH7191PBF-15 |
Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
|
International Rectifier
|
2SA207209 2SA2072-09 |
High voltage discharge, High speed switching, Low Noise (-60V, −3A)
|
Rohm
|
P2084A P2082A P2084A-08TT P2082A-08SR P2082A-08ST |
312 MHz, OTHER CLOCK GENERATOR, PDSO8 Low Cost Frequency Multiplier High Precision Frequency Multipliers
|
ALSC[Alliance Semiconductor Corporation] http://
|
2SB1370 2SB1565 2SB1565F 2SB1655 |
Power Transistor (-60V/ -3A) Power Transistor (-60V, -3A) Power Transistor (-60V -3A) Power Transistor(-60V, -3A) 3-Pin, Ultra-Low-Voltage, Low-Power µP Reset Circuits
|
ROHM[Rohm]
|
2SC1622 2SC1622A 2SC1622A-T2B 2SC1622A-L 2SC1622A- |
Low-frequency high-gain amplification silicon Tr. AUDIO FREQUENCY HIGH GAIN AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
|
NEC[NEC]
|
2SD313 |
NPN silicon plastic power transistor. Designed for low frequency power amplifier. Vceo =60V, DC current gain: 40 @ Ic = 2A. Pd = 30W.
|
USHA India LTD
|
CDBZ3860L-HF |
Halogen Free Low VF Schottky Barrier, V-RRM=60V, V-R=60V, I-O=8A
|
Comchip Technology
|
ISL83204AIPZ ISL83204AIBZ ISL83204A |
60V/2.5A Peak, High Frequency Full Bridge FET Driver
|
Intersil Corporation
|
TC9402 TC9400 TC9402CPD TC9400COD TC9400CPD TC9400 |
The TC9400/TC9401/TC9402 are low-cost voltage-to-frequency (V/F)converters utilizing low power CMOS technology. The converters accept a variable analog input signal and generate an output pulse train whose frequency is linearly proportiona Voltage-to-Frequency/Frequency-to-Voltage Converters
|
Microchip Technology
|
S2370 |
V(dsx): 60V; V(dgr): 60V; V(gss): -20V; 40A; 125W; field effect transistor. For high speed high current switching applications, chopper regular, DC-DC converter and motor drive applications HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS.
|
TOSHIBA[Toshiba Semiconductor]
|